Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3152 Datasheet (PDF) - Advanced Analogic Technologies

AAT3152 Datasheet PDF - Advanced Analogic Technologies
Part # AAT3152
Download  AAT3152 Download
File Size   123.0 Kbytes
Page   10 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications

AAT3152 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT3152 Datasheet PDF - Advanced Analogic Technologies

Part # AAT3152
Download  AAT3152 Click to download

File Size   123.0 Kbytes
Page   10 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications

AAT3152 Datasheet (HTML) - Advanced Analogic Technologies


AAT3152 Product details

General Description
The AAT3152 is a low noise, constant frequency charge pump DC/DC converter that uses a tri-mode load switch (1X), fractional (1.5X), and doubling (2X) conversion to maximize efficiency for white LED applications. The AAT3152 is capable of driving four-channel LEDs from a 2.7V to 5.5V input. The current sinks may be operated individually or in parallel for driving higher-current LEDs. Low external parts count (two 1µF flying capacitors and two small 1µF capacitors at VIN and VOUT) makes this part ideally suited for small battery-powered applications.

Features
• VIN Range: 2.7V to 5.5V
• Fully Programmable Current with Single Wire
    • Eight-Step Current: 20mA to 50µA
    • Individual Main-Sub Group Control
    • Low IQ (80µA) at Light Load
• Tri-Mode 1X, 1.5X, and 2X Charge Pump for Maximum Efficiency and VF Coverage
• Drives 1-4 Channels of LEDs
• No Inductors, Low Noise Operation
• 1MHz Constant Switching Frequency
• Small Application Circuit
• Built-In Thermal Protection
• Built-In Auto-Disable for Short-Circuit
• Automatic Soft-Start
• IQ <1µA in Shutdown
• Thermal-Enhanced 3x3mm12-Pin DFN Package

Applications
• Color (RGB) Lighting
• Programmable Current Sinks
• White LED Backlighting
• White Photo Flash for DSCs




Similar Part No. - AAT3152

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3152 AAT-AAT3152 Datasheet
322Kb / 12P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
3152.2005.08.1.2
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
322Kb / 12P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
logo
Skyworks Solutions Inc.
AAT3152 SKYWORKS-AAT3152 Datasheet
754Kb / 11P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
July 10, 2012
logo
Advanced Analog Technol...
AAT3152IWP-T1 AAT-AAT3152IWP-T1 Datasheet
322Kb / 12P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
3152.2005.08.1.2
logo
Advanced Analogic Techn...
AAT3152IWP-T1 ANALOGICTECH-AAT3152IWP-T1 Datasheet
322Kb / 12P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Similar Description - AAT3152

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3142 ANALOGICTECH-AAT3142 Datasheet
416Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3140.2007.03.1.3
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3142.2007.03.1.2
AAT3151 AAT-AAT3151 Datasheet
444Kb / 15P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
3151.2007.03.1.10
logo
Advanced Analogic Techn...
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3167 AAT-AAT3167 Datasheet
438Kb / 14P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3167.2007.03.1.4
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3169.2006.08.1.2
logo
Advanced Analogic Techn...
AAT3140 ANALOGICTECH-AAT3140_07 Datasheet
483Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results




About Advanced Analogic Technologies


Advanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power manageAdvanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power management and high-performance analog integrated circuits (ICs).
The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices.
AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.ment and high-performance analog integrated circuits (ICs). The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices. AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com