Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3011 Datasheet (PDF) - Monolithic Power Systems

MP3011 Datasheet PDF - Monolithic Power Systems
Part # MP3011
Download  MP3011 Download
File Size   218.37 Kbytes
Page   8 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1x, 1.5x, 2x High Efficiency Charge Pump 2 White LED Driver

MP3011 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP3011 Datasheet PDF - Monolithic Power Systems

Part # MP3011
Download  MP3011 Click to download

File Size   218.37 Kbytes
Page   8 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 1x, 1.5x, 2x High Efficiency Charge Pump 2 White LED Driver

MP3011 Datasheet (HTML) - Monolithic Power Systems


MP3011 Product details

DESCRIPTION

The MP3011 is a fully automatic driver for powering two white LEDs, with up to 4V forward voltage, from a single Li-Ion or three NiMH cells. The driver performs all of the sensing and control to run the LEDs at an optimum charge pump ratio for efficiency without an expensive inductor. The driver allows PWM operation to

support brightness control. 



FEATURES

• 2% LED Current Matching

• High Efficiency (>93%)

• Current Source Outputs

• No Ballast Resistors Required

• 1x, 1.5x and 2x Automatic Modes

• Constant Frequency Operation

• Automatic LED Detection

• High and Low Frequency PWM Capability

• 2.5V to 5.5V Operation

• Less than 1µA Leakage during Shutdown

• Detects Changes in Battery Level

• No External Schottky Diode Required

• Soft-Start and Soft Switching Operation



APPLICATIONS

• Cell Phones

• PDA or Hand Held Computers

• White LED Application at 3.6V Supply




Similar Part No. - MP3011

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3011DQ MPS-MP3011DQ Datasheet
159Kb / 3P
1x, 1.5x, 2x High Efficiency Charge Pump 2 White LED Driver Evaluation Board
More results


Similar Description - MP3011

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3140.2007.03.1.3
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3142.2007.03.1.2
logo
Monolithic Power System...
EV3011DQ-00A MPS-EV3011DQ-00A Datasheet
159Kb / 3P
1x, 1.5x, 2x High Efficiency Charge Pump 2 White LED Driver Evaluation Board
MP1519 MPS-MP1519 Datasheet
211Kb / 8P
1x, 1.5x, 2x High Efficiency Charge Pump 4 White LED Driver
MP1519L MPS-MP1519L Datasheet
244Kb / 9P
1x, 1.5x, 2x High Efficiency Charge Pump 3 White LED Driver
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
1X/1.5X/2x Charge Pump White LED Driver
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
1X/1.5X/2x Charge Pump White LED Driver
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com