Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMDA0P10F Datasheet (PDF) - Excelliance MOS Corp.

EMDA0P10F Datasheet PDF - Excelliance MOS Corp.
Part # EMDA0P10F
Download  EMDA0P10F Download
File Size   204.66 Kbytes
Page   5 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description P?륝hannel Logic Level Enhancement Mode Field Effect Transistor

EMDA0P10F Datasheet (PDF)

Go To PDF Page Download Datasheet
EMDA0P10F Datasheet PDF - Excelliance MOS Corp.

Part # EMDA0P10F
Download  EMDA0P10F Click to download

File Size   204.66 Kbytes
Page   5 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description P?륝hannel Logic Level Enhancement Mode Field Effect Transistor

EMDA0P10F Datasheet (HTML) - Excelliance MOS Corp.


EMDA0P10F Product details

Product Summary:
   BVDSS ‐100V
   RDSON (MAX.) 120mΩ
   ID ‐22A

UIS, Rg 100% Tested
Pb‐Free Lead Plating & Halogen Free




Similar Part No. - EMDA0P10F

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMDA0P10G EXCELLIANCE-EMDA0P10G Datasheet
183Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results


Similar Description - EMDA0P10F

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMB07P03CS EXCELLIANCE-EMB07P03CS Datasheet
214Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB20P03G EXCELLIANCE-EMB20P03G Datasheet
186Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB20P06A EXCELLIANCE-EMB20P06A Datasheet
231Kb / 6P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMF02P02H EXCELLIANCE-EMF02P02H Datasheet
212Kb / 6P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMF09P02A EXCELLIANCE-EMF09P02A Datasheet
208Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMF20B02V EXCELLIANCE-EMF20B02V Datasheet
179Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMFA0P02JS EXCELLIANCE-EMFA0P02JS Datasheet
200Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMFA0P02M EXCELLIANCE-EMFA0P02M Datasheet
197Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMFA0P02VAT EXCELLIANCE-EMFA0P02VAT Datasheet
183Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMZB08P03G EXCELLIANCE-EMZB08P03G Datasheet
192Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com