Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMFA0P02JS Datasheet (PDF) - Excelliance MOS Corp.

EMFA0P02JS Datasheet PDF - Excelliance MOS Corp.
Part # EMFA0P02JS
Download  EMFA0P02JS Download
File Size   200.48 Kbytes
Page   5 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description P?륝hannel Logic Level Enhancement Mode Field Effect Transistor

EMFA0P02JS Datasheet (PDF)

Go To PDF Page Download Datasheet
EMFA0P02JS Datasheet PDF - Excelliance MOS Corp.

Part # EMFA0P02JS
Download  EMFA0P02JS Click to download

File Size   200.48 Kbytes
Page   5 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description P?륝hannel Logic Level Enhancement Mode Field Effect Transistor

EMFA0P02JS Datasheet (HTML) - Excelliance MOS Corp.


EMFA0P02JS Product details

Product Summary:
   BVDSS ‐20V
   RDSON (MAX.) 100mΩ
   ID ‐3.4A

Pb‐Free Lead Plating & Halogen Free




Similar Part No. - EMFA0P02JS

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMFA0P02J EXCELLIANCE-EMFA0P02J Datasheet
196Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
EMFA0P02J VBSEMI-EMFA0P02J Datasheet
1Mb / 9P
P-Channel 20-V (D-S) MOSFET
More results


Similar Description - EMFA0P02JS

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMB07P03CS EXCELLIANCE-EMB07P03CS Datasheet
214Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB20P03G EXCELLIANCE-EMB20P03G Datasheet
186Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB20P06A EXCELLIANCE-EMB20P06A Datasheet
231Kb / 6P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMDA0P10F EXCELLIANCE-EMDA0P10F Datasheet
204Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMF02P02H EXCELLIANCE-EMF02P02H Datasheet
212Kb / 6P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMF09P02A EXCELLIANCE-EMF09P02A Datasheet
208Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMF20B02V EXCELLIANCE-EMF20B02V Datasheet
179Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMFA0P02M EXCELLIANCE-EMFA0P02M Datasheet
197Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMFA0P02VAT EXCELLIANCE-EMFA0P02VAT Datasheet
183Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMZB08P03G EXCELLIANCE-EMZB08P03G Datasheet
192Kb / 5P
P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com