Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMFA0P02JS Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EMFA0P02JS
Description  P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMFA0P02JS Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EMFA0P02JS Datasheet HTML 1Page - Excelliance MOS Corp. EMFA0P02JS Datasheet HTML 2Page - Excelliance MOS Corp. EMFA0P02JS Datasheet HTML 3Page - Excelliance MOS Corp. EMFA0P02JS Datasheet HTML 4Page - Excelliance MOS Corp. EMFA0P02JS Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
 
2015/7/15 
p.4 
EMFA0P02JS
Gate Threshold Voltage v.s. Junction Temperature
T   ‐ Junction Temperature ( °C )
0
‐50
0.50
0.25
0.75
J
050
1.00
1.25
1.50
150
100
DC
10
m
s
10
s
1 s
10
0m
s
μ
10
0   
s
1m
s
0. 01
0. 1
1
10
100
‐ V    ,D r a in ‐ So u r c e  Vo lt a g e (  V  )
0. 1
1
10
100
Ma x im u m  Sa f e  Op e r a t io n  Ar e a
R      =  16 6  C/ W
JA
T   =  25  C
SI N G L E  PU L S E
GS
V    =  ‐ 4.5V
A
θ
°
°
D S
(O
N )
R   
    
 LI
M
IT
DS
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Single Pulse Maximum Power Dissipation
5
4
3
2
1
0
0.1
1
10
100
1000
Single Pulse Time( sec )
Single Pulse
RθJA=166°C/W
TA=25°C
1
0.5
0.2
0.1
0.05
0.02
0.01
0.0001
0.001
0.01
0.1
1
10
100
300
t1
t2
TJ‐TA=P*RθJA(t)
Duty Cycle, D= t1/ t2
RθJA=166°C/W
RθJA(t) = r(t) * RθJA
t1, Time( sec )
Transient Thermal Response Curve
D=0.5
0.2
0.1
0.05
0.02
0.01
Single Pulse



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com