Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OL3392L Datasheet (PDF) - OKI electronic componets

OL3392L Datasheet PDF - OKI electronic componets
Part # OL3392L
Download  OL3392L Download
File Size   43.22 Kbytes
Page   2 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1310nm MQW DFB Laser Diode Uncooled Module with Single Mode Fiber

OL3392L Datasheet (PDF)

Go To PDF Page Download Datasheet
OL3392L Datasheet PDF - OKI electronic componets

Part # OL3392L
Download  OL3392L Click to download

File Size   43.22 Kbytes
Page   2 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1310nm MQW DFB Laser Diode Uncooled Module with Single Mode Fiber

OL3392L Datasheet (HTML) - OKI electronic componets


OL3392L Product details

DESCRIPTION
The OKI OL3392L is a 1310nm DFB Laser Diode in a PCB mountable coaxial package with single mode fiber and without isolator.

FEATURES
• SMF output: 1mW
• Wide operating temperature range
• MQW process




Similar Part No. - OL3392L

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL3300N-05 OKI-OL3300N-05 Datasheet
53Kb / 8P
Surface Mount Laser Diode Modules (1310 nm, 0.5 mW)
OL3300W OKI-OL3300W Datasheet
24Kb / 3P
1310 nm/1 mW SMT Laser Diode Module with Single Mode Fiber
OL3301N-05 OKI-OL3301N-05 Datasheet
53Kb / 8P
Surface Mount Laser Diode Modules (1310 nm, 0.5 mW)
More results


Similar Description - OL3392L

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL3492N OKI-OL3492N Datasheet
43Kb / 2P
1310nm MQW Laser Diode Uncooled Coax Module with Single Mode Fiber
OL5392L OKI-OL5392L Datasheet
43Kb / 2P
1550nm MQW DFB Laser Diode Uncooled Module with Single Mode Fiber
logo
Optoway Technology Inc
DL-5300-1490 OPTOWAY-DL-5300-1490 Datasheet
91Kb / 2P
1490 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1625 OPTOWAY-DL-5300-1625 Datasheet
91Kb / 2P
1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1650 OPTOWAY-DL-5300-1650 Datasheet
91Kb / 2P
1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300S-1490 OPTOWAY-DL-5300S-1490 Datasheet
90Kb / 2P
1490 nm DFB LASER DIODE MODULE 2.5 Gbps UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300S-1650 OPTOWAY-DL-5300S-1650 Datasheet
91Kb / 2P
1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
logo
Source Photonics, Inc.
C-13-DFB2.5-T-SFCL SOURCE-C-13-DFB2.5-T-SFCL Datasheet
732Kb / 6P
1310nm 2.5G MQW-DFB Laser Diode Module
logo
Optoway Technology Inc
DL-5300-1625 OPTOWAY-DL-5300-1625_09 Datasheet
78Kb / 3P
1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1650 OPTOWAY-DL-5300-1650_09 Datasheet
80Kb / 4P
1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com