Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OL3492N Datasheet (PDF) - OKI electronic componets

OL3492N Datasheet PDF - OKI electronic componets
Part # OL3492N
Download  OL3492N Download
File Size   43.62 Kbytes
Page   2 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1310nm MQW Laser Diode Uncooled Coax Module with Single Mode Fiber

OL3492N Datasheet (PDF)

Go To PDF Page Download Datasheet
OL3492N Datasheet PDF - OKI electronic componets

Part # OL3492N
Download  OL3492N Click to download

File Size   43.62 Kbytes
Page   2 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1310nm MQW Laser Diode Uncooled Coax Module with Single Mode Fiber

OL3492N Datasheet (HTML) - OKI electronic componets


OL3492N Product details

GENERAL DESCRIPTION
The OL391N, OL392N, OL397N, OL3492N, and OL3497N are 1.3 μm, MQW InGaAsP/InP laser diode coaxial modules with single-mode fiber pigtails. These modules are optimal light sources for high-capacity long-haul optical transmission systems.

FEATURES
• Single-mode fiber output: Pf=1 mW
• Includes monitor photodiode for power control
• High speed
• Multi-quantum-well (MQW) structure

APPLICATIONS
• Line transmission systems
• Subscriber loops
• Optical measuring instruments




Similar Part No. - OL3492N

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL3492N OKI-OL3492N Datasheet
50Kb / 4P
Hight Temperature Operation 1.3 mm Laser-Diode Coaxial Module
More results


Similar Description - OL3492N

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL3392L OKI-OL3392L Datasheet
43Kb / 2P
1310nm MQW DFB Laser Diode Uncooled Module with Single Mode Fiber
OL5392L OKI-OL5392L Datasheet
43Kb / 2P
1550nm MQW DFB Laser Diode Uncooled Module with Single Mode Fiber
logo
Optoway Technology Inc
DL-5300-1490 OPTOWAY-DL-5300-1490 Datasheet
91Kb / 2P
1490 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1625 OPTOWAY-DL-5300-1625 Datasheet
91Kb / 2P
1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1650 OPTOWAY-DL-5300-1650 Datasheet
91Kb / 2P
1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300S-1650 OPTOWAY-DL-5300S-1650 Datasheet
91Kb / 2P
1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
logo
Source Photonics, Inc.
C-13-DFB2.5-T-SFCL SOURCE-C-13-DFB2.5-T-SFCL Datasheet
732Kb / 6P
1310nm 2.5G MQW-DFB Laser Diode Module
logo
Optoway Technology Inc
DL-5300-1625 OPTOWAY-DL-5300-1625_09 Datasheet
78Kb / 3P
1625 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
DL-5300-1650 OPTOWAY-DL-5300-1650_09 Datasheet
80Kb / 4P
1650 nm DFB LASER DIODE MODULE UNCOOLED MQW DFB LD WITH PIGTAIL
logo
Roithner LaserTechnik G...
RLTG065AU ROITHNER-RLTG065AU Datasheet
49Kb / 1P
Uncooled MQW Laser Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com