Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OL392L Datasheet (PDF) - OKI electronic componets

OL392L Datasheet PDF - OKI electronic componets
Part # OL392L
Download  OL392L Download
File Size   46.68 Kbytes
Page   4 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1.3 關m Coaxial DFB Laser Module

OL392L Datasheet (PDF)

Go To PDF Page Download Datasheet
OL392L Datasheet PDF - OKI electronic componets

Part # OL392L
Download  OL392L Click to download

File Size   46.68 Kbytes
Page   4 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1.3 關m Coaxial DFB Laser Module

OL392L Datasheet (HTML) - OKI electronic componets


OL392L Product details

GENERAL DESCRIPTION
The OL392L, and OL3492L are 1.3 μm coaxial DFB laser modules with single-mode fiber pigtails. Having good side-mode suppression ratio in a wide operation temperature range, these devices are optimal light sources for high-capacity long-haul optical transmission systems.

FEATURES
• Single-mode fiber output: Pf=1 mW
• Side mode suppression ratio: 30 dB
• Includes monitor PD for power control
• Built-in optical isolator
• Wide operation temperature range
• Multi-quantum-well (MQW) structure

APPLICATIONS
• Optical transmission systems
• Optical subscriber loops
• Optical measurement systems




Similar Part No. - OL392L

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL392N OKI-OL392N Datasheet
50Kb / 4P
Hight Temperature Operation 1.3 mm Laser-Diode Coaxial Module
More results


Similar Description - OL392L

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OE3496G OKI-OE3496G Datasheet
42Kb / 3P
1.3 關m Edge-Emitting LED Coaxial Module
OL3200N-5 OKI-OL3200N-5 Datasheet
44Kb / 3P
1.3 關m High-Power Laser-Diode DIP Module
OL3200N OKI-OL3200N Datasheet
44Kb / 3P
1.3 關m Laser-Diode DIP Module
OL3201N-40 OKI-OL3201N-40 Datasheet
51Kb / 4P
1.3 關m High-Power Laser-Diode DIP Module
OL395N-20 OKI-OL395N-20 Datasheet
44Kb / 3P
1.3 關m High-Power Laser-Diode Coaxial Module
OL4492L OKI-OL4492L Datasheet
52Kb / 6P
1.48, 1.51, 1.52 關m Coaxial DFB Laser Module
OL592L OKI-OL592L Datasheet
46Kb / 4P
1.55 關m Coaxial DFB Laser Module
OL592N OKI-OL592N Datasheet
45Kb / 4P
1.55 關m Laser-Diode Coaxial Module
logo
Agere Systems
D2300 AGERE-D2300 Datasheet
265Kb / 8P
1.3 mm D2300-Type Laser Isolated DFB Laser Module
February 2000
logo
Micro Electronics
D2300 MICRO-ELECTRONICS-D2300 Datasheet
265Kb / 8P
1.3 m D2300-Type Laser Isolated DFB Laser Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com