Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OL592L Datasheet (PDF) - OKI electronic componets

OL592L Datasheet PDF - OKI electronic componets
Part # OL592L
Download  OL592L Download
File Size   46.33 Kbytes
Page   4 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1.55 關m Coaxial DFB Laser Module

OL592L Datasheet (PDF)

Go To PDF Page Download Datasheet
OL592L Datasheet PDF - OKI electronic componets

Part # OL592L
Download  OL592L Click to download

File Size   46.33 Kbytes
Page   4 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 1.55 關m Coaxial DFB Laser Module

OL592L Datasheet (HTML) - OKI electronic componets


OL592L Product details

GENERAL DESCRIPTION
The OL592L, and OL5492L are MQW structured, 1.55 mm coaxial DFB laser modules with single-mode fiber pigtails. Having a good side-mode suppression ratio and a wide operating temperature range, these devices are optimal light sources for high-capacity long-haul transmission systems.

FEATURES
• Single-mode fiber output: Pf=1 mW
• Side mode suppression ratio: 30dB
• Includes monitor PD for power control
• Built-in optical Isolator
• Wide operation temperature range
• Multi-quantum-well (MQW) structure

APPLICATIONS
• Optical transmission systems
• Optical subscriber loops
• Optical measurement systems




Similar Part No. - OL592L

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL592N OKI-OL592N Datasheet
45Kb / 4P
1.55 關m Laser-Diode Coaxial Module
OL592N-2 OKI-OL592N-2 Datasheet
42Kb / 3P
1.55 關m 2 mW Coaxial Module
OL592N-3 OKI-OL592N-3 Datasheet
44Kb / 3P
1.55 關m 3 mW Coaxial Module
More results


Similar Description - OL592L

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL392L OKI-OL392L Datasheet
46Kb / 4P
1.3 關m Coaxial DFB Laser Module
OL4492L OKI-OL4492L Datasheet
52Kb / 6P
1.48, 1.51, 1.52 關m Coaxial DFB Laser Module
OL5200N-5 OKI-OL5200N-5 Datasheet
44Kb / 3P
1.55 關m Laser Diode DIP Module
OL5200N OKI-OL5200N Datasheet
44Kb / 3P
1.55 關m Laser-Diode DIP Module
OL592N-2 OKI-OL592N-2 Datasheet
42Kb / 3P
1.55 關m 2 mW Coaxial Module
OL592N-3 OKI-OL592N-3 Datasheet
44Kb / 3P
1.55 關m 3 mW Coaxial Module
OL592N OKI-OL592N Datasheet
45Kb / 4P
1.55 關m Laser-Diode Coaxial Module
OL595N-20 OKI-OL595N-20 Datasheet
42Kb / 2P
1.55 關m High-Power Laser-Diode Coaxial Module
logo
Mitsubishi Electric Sem...
FU-68SDF-X8YYMZZF MITSUBISHI-FU-68SDF-X8YYMZZF Datasheet
149Kb / 6P
1.55 關m DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-650SDF-FW41MX MITSUBISHI-FU-650SDF-FW41MX Datasheet
82Kb / 4P
1.55 關m DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com