Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-3020 Datasheet (PDF) - List of Unclassifed Manufacturers

HCPL-3020 Datasheet PDF - List of Unclassifed Manufacturers
Part # HCPL-3020
Download  HCPL-3020 Download
File Size   73.83 Kbytes
Page   1 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 0.2 A Output Current Gate Drive Optocoupler

HCPL-3020 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-3020 Datasheet PDF - List of Unclassifed Manufacturers

Part # HCPL-3020
Download  HCPL-3020 Click to download

File Size   73.83 Kbytes
Page   1 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 0.2 A Output Current Gate Drive Optocoupler

HCPL-3020 Datasheet (HTML) - List of Unclassifed Manufacturers


HCPL-3020 Product details

[EBV Elektronik]



The HCPL-3020 in DIP-8 and HCPL-0302 in SO-8 package complement Agilent’s existing family of gate drive optocouplers. The new 0.2 A devices consist of GaAsP LEDs optically coupled to an integrated circuit with a power output stage. The current rating, combined with the high common mode rejection (CMR), fast switching and latch up performance uniquely qualify these optocouplers for low-power inverter gate drive applications.



Features

• 0.2 A min. peak output current

• High-speed response: 0.7 µs max. propagation delay over temp. range

• Ultra-high CMR: min. 10 kV/µs @ VCM = 1000 V

• Bootstrappable supply current: max. 3 mA

• Wide operating temp. range: -40…+100 °C

• Wide VCC operating range: 10…30 V overtemp. range

• DIP-8 and SO-8 packages

• UL approval: 2500 VRMS for 1 minute

• CSA approval pending

• VDE approval pending:

   • VIORM = 630 VPEAK (HCPL-3020)

   • VIORM = 566 VPEAK (HCPL-0302)

  

Applications

• Isolated IGBT/power MOSFET gate drive

• AC and brushless DC motor drives

• Industrial inverters

• Air conditioners

• Washing machines

• Induction heaters for cookers

• Switching power supplies (SPS)



 




Similar Part No. - HCPL-3020

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3020 AVAGO-HCPL-3020 Datasheet
227Kb / 15P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020 AVAGO-HCPL-3020 Datasheet
227Kb / 15P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020 AVAGO-HCPL-3020 Datasheet
260Kb / 15P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020 AVAGO-HCPL-3020 Datasheet
227Kb / 15P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020 AVAGO-HCPL-3020 Datasheet
227Kb / 15P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Similar Description - HCPL-3020

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-T251 HP-HCPL-T251 Datasheet
177Kb / 6P
0.4AMP OUTPUT CURRENT IGBT GATE DRIVE OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
2.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
ON Semiconductor
FOD8314 ONSEMI-FOD8314 Datasheet
434Kb / 20P
1.0 A Output Current, Gate Drive Optocoupler
March 2016 Rev. 1.1
FOD8342 ONSEMI-FOD8342 Datasheet
444Kb / 21P
3.0 A Output Current, High Speed Gate Drive Optocoupler
March 2016 Rev. 1.1
FOD8343 ONSEMI-FOD8343 Datasheet
704Kb / 20P
4.0 A Output Current, High Speed Gate Drive Optocoupler
May 2017 Rev. 1.0
FOD3125 ONSEMI-FOD3125 Datasheet
301Kb / 18P
High Temperature, 2.5 A Output Current, Gate Drive Optocoupler
March, 2020 ??Rev. 2
FOD3150 ONSEMI-FOD3150 Datasheet
437Kb / 18P
Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
May, 2020 ??Rev. 4
FOD3120 ONSEMI-FOD3120 Datasheet
468Kb / 19P
Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
FOD3150 ONSEMI-FOD3150_V01 Datasheet
504Kb / 18P
Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
January, 2021 - Rev. 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com