Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-3020 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-3020 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-3020
Download  HCPL-3020 Download
File Size   227.65 Kbytes
Page   15 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 0.4 Amp Output Current IGBT Gate Drive Optocoupler

HCPL-3020 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-3020 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-3020
Download  HCPL-3020 Click to download

File Size   227.65 Kbytes
Page   15 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 0.4 Amp Output Current IGBT Gate Drive Optocoupler

HCPL-3020 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-3020 Product details

Description

The HCPL-3020 and HCPL-0302 consist of a GaAsP LED optically coupled to an integrated circuit with a power output stage. These optocouplers are ideally suited for driving power IGBTs and MOSFETs used in motor control inverter applications. The high operating voltage range of the output stage provides the drive voltages required by gate-controlled devices. The voltage and current supplied by this optocoupler makes it ideally suited for directly driving small or medium power IGBTs. For IGBTs with higher ratings, the HCPL-0314/3140 (0.6 A), HCPL-3150 (0.6 A) or HCPL-3120 (2.5 A) gate drive opto-couplers can be used.



Features

• 0.4 A maximum peak output current

• 0.2 A minimum peak output current

• High speed response: 0.7 µs maximum propagation delay over temperature range

• Ultra high CMR: minimum 10 kV/µs at VCM = 1000 V

• Bootstrappable supply current: maximum 3 mA

• Wide operating temperature range: –40°C to 100°C

• Wide VCC operating range: 10 V to 30 V over tempera ture range

• Available in DIP 8 and SO-8 packages

• Safety approvals: UL approval, 3750 VRMS for 1 minute

• CSA approval

• IEC/EN/DIN EN 60747-5-2 approval

   VIORM = 630 VPEAK (HCPL-3020),

   VIORM = 566 VPEAK (HCPL-0302)

  

Applications

• Isolated IGBT/power MOSFET gate drive

• AC and brushless DC motor drives

• Industrial inverters

• Air conditioner

• Washing machine

• Induction heater for cooker

• Switching power supplies (SPS)



 




Similar Part No. - HCPL-3020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HCPL-3020 ETC1-HCPL-3020 Datasheet
73Kb / 1P
0.2 A Output Current Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3020 AVAGO-HCPL-3020 Datasheet
227Kb / 15P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020 AVAGO-HCPL-3020 Datasheet
227Kb / 15P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020 AVAGO-HCPL-3020 Datasheet
260Kb / 15P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020 AVAGO-HCPL-3020 Datasheet
227Kb / 15P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Similar Description - HCPL-3020

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314-000E AVAGO-HCPL-0314-000E Datasheet
424Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302-500 AVAGO-HCPL-0302-500 Datasheet
227Kb / 15P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T251-500E AVAGO-HCPL-T251-500E Datasheet
259Kb / 6P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3140-000E AVAGO-HCPL-3140-000E Datasheet
424Kb / 16P
0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com