Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3C3384L Datasheet (PDF) - Pericom Semiconductor Corporation

PI3C3384L Datasheet PDF - Pericom Semiconductor Corporation
Part # PI3C3384L
Download  PI3C3384L Download
File Size   308.47 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch

PI3C3384L Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3C3384L Datasheet PDF - Pericom Semiconductor Corporation

Part # PI3C3384L
Download  PI3C3384L Click to download

File Size   308.47 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch

PI3C3384L Datasheet (HTML) - Pericom Semiconductor Corporation


PI3C3384L Product details

Product Description
Pericom Semiconductors PI3C series of logic circuits are produced using the Companys advanced submicron CMOS technology, achieving industry performance.
The PI3C3384, and PI3C32384 are 2.5V or 3.3Volt, high bandwidth 10-bit, 2-port bus switches designed with a low ON resistance allowing inputs to be connected directly to outputs. The bus switch creates no additional propagational delay or additional ground bounce noise. The switches are turned ON by the Bus Enable (BE) input signal. Two bus enable signals are provided, one for each of the upper and lower five bits of the two 10-bit buses. The PI3C32384 is designed with an internal 25Ω resistor reducing noise reflection in high-speed applications.

Product Features
• Near-zero propagation delay
• Low noise, 25Ω version (PI3C32384)
• 5Ω switches connect inputs to outputs (PI3C3384)
• High Bandwidth (>400 MHz)
• Permits Hot Insertion.
• Rail-to-Rail, 3.3V or 2.5V Switching
• 5V I/O Tolerant
• 2.5V Supply Voltage Operation
• Packages available:
    ― 24-pin 150-mil wide plastic QSOP (Q)
    ― 24-pin 173-mil wide plastic TSSOP (L)

Applications
• High Bandwidth Data switching
• Hot Docking




Similar Part No. - PI3C3384L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3384QE PERICOM-PI3C3384QE Datasheet
683Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch
PI3C3384 PERICOM-PI3C3384_11 Datasheet
683Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch
More results


Similar Description - PI3C3384L

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3244 PERICOM-PI3C3244 Datasheet
203Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion, 8-Bit, 2-Port Bus Switch
PI3C3245 PERICOM-PI3C3245 Datasheet
190Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C34X245 PERICOM-PI3C34X245 Datasheet
218Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion 32-Bit, 2-Port, Bus Switch
PI3C3245QE PERICOM-PI3C3245QE Datasheet
344Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3861-AQE PERICOM-PI3C3861-AQE Datasheet
364Kb / 5P
2.5V/3.3V, High Bandwidth, Hot-Insertion, 10-Bit, 2-Port, Bus Switch
PI3C32X245 PERICOM-PI3C32X245_11 Datasheet
645Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 16-Bit, 2-Port, Bus Switch
PI3C32X384 PERICOM-PI3C32X384 Datasheet
645Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 20-Bit, 2-Port, Bus Switch
PI3C34X245 PERICOM-PI3C34X245_13 Datasheet
669Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 32-Bit, 2-Port, Bus Switch
PI3C3384 PERICOM-PI3C3384_11 Datasheet
683Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com