Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP481GS Datasheet (PDF) - Analog Devices

OP481GS Datasheet PDF - Analog Devices
Part # OP481GS
Download  OP481GS Download
File Size   963.34 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Power, Rail-to-Rail Output Operational Amplifiers

OP481GS Datasheet (PDF)

Go To PDF Page Download Datasheet
OP481GS Datasheet PDF - Analog Devices

Part # OP481GS
Download  OP481GS Click to download

File Size   963.34 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Power, Rail-to-Rail Output Operational Amplifiers

OP481GS Datasheet (HTML) - Analog Devices


OP481GS Product details

GENERAL DESCRIPTION

The AD8546 and AD8548 are dual and quad micropower, high input impedance amplifiers optimized for low power and wide operating supply voltage range applications.

The AD8546/AD8548 rail-to-rail input/output (RRIO) feature provides increased dynamic range to drive low frequency data converters, making these amplifiers ideal for dc gain and buffering of sensor front ends or high impedance input sources used in wireless or remote sensors or transmitters.

The low supply current specification (22 μA) of the AD8546/AD8548 over a wide operating voltage range of 2.7 V to 18 V or dual supplies (±1.35 V to ±9 V) makes these amplifiers useful for a variety of battery-powered, portable applications, such as ECGs, pulse monitors, glucose meters, smoke and fire detectors, vibration monitors, and backup battery sensors.



FEATURES

  Micropower at high voltage: 22 μA maximum

  Low input bias current: 20 pA maximum

  Gain bandwidth product: 240 kHz

  Slew rate: 80 V/ms

  Large signal voltage gain: 110 dB minimum

  Single-supply operation: 2.7 V to 18 V

  Dual-supply operation: ±1.35 V to ±9 V

  Unity-gain stable



APPLICATIONS

  Portable medical equipment

  Remote sensors

  Transimpedance amplifiers

  Current monitors

  4 mA to 20 mA loop drivers

  Buffer/level shifting



 




Similar Part No. - OP481GS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP481GS AD-OP481GS Datasheet
448Kb / 16P
Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV.0
OP481GS AD-OP481GS Datasheet
446Kb / 20P
Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. C
OP481GS AD-OP481GS Datasheet
396Kb / 20P
Ultralow Power, Rail-to-Rail Output Operational Amplifiers
Rev. D
OP481GS-REEL AD-OP481GS-REEL Datasheet
446Kb / 20P
Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. C
OP481GS-REEL AD-OP481GS-REEL Datasheet
396Kb / 20P
Ultralow Power, Rail-to-Rail Output Operational Amplifiers
Rev. D
More results


Similar Description - OP481GS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP181 AD-OP181 Datasheet
448Kb / 16P
Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV.0
OP281 AD-OP281_07 Datasheet
446Kb / 20P
Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. C
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
Output Rail-to-Rail Operational Amplifiers
Mar-2005
TS464CDT STMICROELECTRONICS-TS464CDT Datasheet
280Kb / 13P
Output rail-to-rail operational amplifiers
02-Apr-2009
logo
Analog Devices
OP181 AD-OP181_15 Datasheet
311Kb / 16P
Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. 0
logo
SG Micro Corp
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
Rail-to-Rail Output Operational Amplifiers
logo
Analog Devices
OP281 AD-OP281_15 Datasheet
396Kb / 20P
Ultralow Power, Rail-to-Rail Output Operational Amplifiers
Rev. D
OP481 AD-OP481_15 Datasheet
396Kb / 20P
Ultralow Power, Rail-to-Rail Output Operational Amplifiers
Rev. D
logo
Texas Instruments
LPV321 TI1-LPV321_13 Datasheet
1Mb / 30P
Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com