Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP481GS Datasheet(PDF) 2 Page - Analog Devices

Part # OP481GS
Description  Ultralow Power, Rail-to-Rail Output Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP481GS Datasheet(HTML) 2 Page - Analog Devices

  OP481GS Datasheet HTML 1Page - Analog Devices OP481GS Datasheet HTML 2Page - Analog Devices OP481GS Datasheet HTML 3Page - Analog Devices OP481GS Datasheet HTML 4Page - Analog Devices OP481GS Datasheet HTML 5Page - Analog Devices OP481GS Datasheet HTML 6Page - Analog Devices OP481GS Datasheet HTML 7Page - Analog Devices OP481GS Datasheet HTML 8Page - Analog Devices OP481GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. B
–2–
OP281/OP481–SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Condition
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
Note 1
1.5
mV
–40
∞C £ TA £ +85∞C
2.5
mV
Input Bias Current
IB
–40
∞C £ TA £ +85∞C3
10
nA
Input Offset Current
IOS
–40
∞C £ TA £ +85∞C
0.1
7
nA
Input Voltage Range
0
2
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 2.0 V,
–40
∞C £ TA £ +85∞C65
95
dB
Large Signal Voltage Gain
AVO
RL = 1 M
W, VO = 0.3 V to 2.7 V
5
13
V/mV
–40
∞C £ TA £ +85∞C2
V/mV
Offset Voltage Drift
VOS /DT
10
mV/∞C
Bias Current Drift
IB /DT
20
pA/
∞C
Offset Current Drift
IOS /DT
2
pA/
∞C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 100 k
W to GND,
–40
∞C £ TA £ +85∞C
2.925
2.96
V
Output Voltage Low
VOL
RL = 100 k
W to V+,
–40
∞C £ TA £ +85∞C25
75
mV
Short Circuit Limit
ISC
±1.1
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.7 V to 12 V,
–40
∞C £ TA £ +85∞C76
95
dB
Supply Current/Amplifier
ISY
VO = 0 V
3
4
mA
–40
∞C £ TA £ +85∞C5
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 100 k
W, CL = 50 pF
25
V/ms
Turn On Time
AV = 1, VO = 1
40
ms
Turn On Time
AV = 20, VO = 1
50
ms
Saturation Recovery Time
65
ms
Gain Bandwidth Product
GBP
95
kHz
Phase Margin
o70
Degrees
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
10
mV p-p
Voltage Noise Density
en
f = 1 kHz
75
nV/
÷Hz
Current Noise Density
in
<1
pA/
÷Hz
*VOS is tested under a no load condition.
Specifications subject to change without notice.
(@ VS = 3.0 V, VCM = 1.5 V, TA = 25 C, unless otherwise noted.*)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com