Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GO7007 Datasheet (PDF) - List of Unclassifed Manufacturers

GO7007 Datasheet PDF - List of Unclassifed Manufacturers
Part # GO7007
Download  GO7007 Download
File Size   358.42 Kbytes
Page   10 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description WIS GO7007 Single-Chip Streaming Media Encoder

GO7007 Datasheet (PDF)

Go To PDF Page Download Datasheet
GO7007 Datasheet PDF - List of Unclassifed Manufacturers

Part # GO7007
Download  GO7007 Click to download

File Size   358.42 Kbytes
Page   10 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description WIS GO7007 Single-Chip Streaming Media Encoder

GO7007 Datasheet (HTML) - List of Unclassifed Manufacturers


GO7007 Product details

[WIS Technologies]



Advanced Features:

Output Formats

▪ MPEG-4 Simple Profile @ L3 plus B-frame support; DivX and WISmp4 compatible

▪ MPEG-2 MP @ ML

▪ MPEG-1, H.263, MJPEG

▪ User-defined formats



Video Input

▪ CCIR-601 and CCIR-656 YUV (8-bit) 4:2:2 progressive or interlace; all four types of RGB Bayer

▪ Maximum input size:

   NTSC interlaced: 720 x 480 @ 30fps or 720 x 240 @ 60fps PAL: 720 x 576 @ 25fps or 720 x 288 @ 50fps

▪ Resolution from 64 x 64 to 720 x 576 (16-pixel increments)

▪ Frame rate up to 30fps (full-D1) or 120fps (CIF)

▪ WIS-patented RGB Bayer to YUV conversion (high quality)

▪ WIS-patented de-interlace and 4:2:2 to 4:2:0 conversion

▪ Optional 1:2 horizontal, vertical, or bi-directional scaling

▪ Programmable median, low-pass and edge enhancement filtering (up to 10 run-time adjustable parameters)



Video Compression

▪ WIS-patented Motion Estimation Engine (search range +/-127 horizontal PEL and +/- 63 vertical PEL with half-PEL accuracy)

▪ WIS-patented high precision DCT/IDCT and (de)quantize

▪ Advanced scene change detection and GOP adjusting

▪ 48MHz to 96MHz (depending on resolution)

▪ Programmable GOP structures of I, IP, IBP, IBBP

▪ WIS-patented advanced MPEG-4 bit-rate control (CBR/VBR) from 1Kbps to 40Mbps



Video Quality and Features

▪ DVD quality full-D1 video at 2Mbps

▪ High quality 40Kbps QCIF video for low bandwidth communication

▪ 2-hour 640 x 352 movie in one 650M CD (average PSNR about 40db)

▪ Dynamically adjustable bit rate and frame rate to fit variable bandwidths (for Internet communication applications)

▪ Drivers, SDK, related software (decoding/transcoding, post-process, Internet-ready software) and sample applications provided

▪ Most features and parameters are configurable from host (e.g., PC) side

▪ Internal algorithms of scene change and bit-rate control are upgradeable



 




Similar Part No. - GO7007

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GO700WF BELDEN-GO700WF Datasheet
459Kb / 2P
GO-Series Power Field Attachable Connector: Female, angled, 7-pin, black body, screw type; 230 V AC/DC, 10 A
More results


Similar Description - GO7007

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB86393 FUJITSU-MB86393 Datasheet
40Kb / 2P
MPEG-2 Single Chip Audio/Video Encoder
logo
List of Unclassifed Man...
DM9301 ETC-DM9301 Datasheet
125Kb / 22P
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
logo
Panasonic Semiconductor
MN85571AC PANASONIC-MN85571AC Datasheet
168Kb / 16P
Single-Chip Audio/Video MPEG2 Encoder
logo
Advanced Micro Devices
AM79C930 AMD-AM79C930 Datasheet
691Kb / 161P
PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
logo
Davicom Semiconductor, ...
DM9301F DAVICOM-DM9301F Datasheet
56Kb / 2P
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
DM9301FP DAVICOM-DM9301FP Datasheet
288Kb / 22P
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
logo
Texas Instruments
TAS1020BPFBR TI-TAS1020BPFBR Datasheet
1Mb / 118P
USB Streaming Controller
logo
Pixart Imaging Inc.
PMJ9100S1 PIXART-PMJ9100S1 Datasheet
1Mb / 15P
Media Tracking Chip
logo
List of Unclassifed Man...
ED-CM4MED10-1820-P ETC-ED-CM4MED10-1820-P Datasheet
4Mb / 4P
A Very Thin 4K Ultra HD Streaming Media Computer
2022-10-24
logo
Advantech Co., Ltd.
VEGA-2002 ADVANTECH-VEGA-2002 Datasheet
701Kb / 3P
4K UHD H.265/H.264 Real-Time Encoder and Streaming Module
20-Dec-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com