Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9301FP Datasheet (PDF) - Davicom Semiconductor, Inc.

DM9301FP Datasheet PDF - Davicom Semiconductor, Inc.
Part # DM9301FP
Download  DM9301FP Download
File Size   288.84 Kbytes
Page   22 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description 100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter

DM9301FP Datasheet (PDF)

Go To PDF Page Download Datasheet
DM9301FP Datasheet PDF - Davicom Semiconductor, Inc.

Part # DM9301FP
Download  DM9301FP Click to download

File Size   288.84 Kbytes
Page   22 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description 100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter

DM9301FP Datasheet (HTML) - Davicom Semiconductor, Inc.


DM9301FP Product details

General Description
The DM9301FP is a physical-layer, single-chip, low power media converter for 100BASE-TX/FX full duplex repeater applications. On the TX media side, it provides a direct interface to Unshielded Twisted Pair Cable 5 (UTP5) for 100BASE-TX Fast Ethernet. On the FX media side, it provides a direct interface to a Pseudo Emitter Coupled Logic level interface (PECL).
The DM9301FP uses a low power and high performance CMOS process. It contains the entire physical layer functions of 100BASE-TX as defined by IEEE802.3u, including the Physical Coding Sublayer (PCS), Physical Medium Attachment (PMA), Twisted Pair Physical Medium Dependent Sublayer (TP-PMD) and a PECL compliant interface for a fiber optic module, compliant with ANSI X3.166.
The DM9301FP provides two independent clock recovery circuits to minimize bit delay through the converter (no FIFO is used to buffer data between the FX and TX interfaces). Furthermore, due to the excellent rise/fall time control by a built-in wave shaping filter, the DM9301FP needs no external filter to transport signals to the media on the 100Base-TX interface.

Patent-Pending Circuits
• Smart adaptive receiver equalizer
• Digital algorithm for high frequency clock/data recovery circuit
• High speed wave-shaping circuit

Features
• 100BASE-TX/FX single-chip media converter
• Total bit delay from FX to TX interface is 20 bit times (10 bit times each direction).
• Optional propagate HALT on no Link condition
• Compliant with IEEE802.3u 100BASE-TX standard
• Compliant with ANSI X3T12 TP-PMD 1995 standard
• Compliant with ANSI X3.166 FDDI-PMD
• Supports Half and Full Duplex operation 100Mbps, the DM9301FP operates in Full Duplex mode at all times
• High performance 100Mbps clock generator and data recovery circuit
• Controlled output edge rates in the 100Base-TX transmitter without the need for an external filter
• LED supports for FX Link, TX link, FX receive data; TX receives data, and FX code group error and TX code group error.
• Built in LED test, all LED will light during a reset condition on the DM9301FP
• Digital clock recovery and regeneration circuit using an advanced digital algorithm to minimize jitter
• Supports diagnostic TX to TX analog Loopback and FX to FX analog Loopback (Loopback at the NRZI interface)
• Supports diagnostic TX to TX digital Loopback and FX to FX digital Loopback (Loopback at the 5B symbol interface)
• Low-power, high-performance CMOS process
• Available in a 100 QFP package




Similar Part No. - DM9301FP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9301F ETC-DM9301F Datasheet
125Kb / 22P
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
logo
Davicom Semiconductor, ...
DM9301F DAVICOM-DM9301F Datasheet
56Kb / 2P
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
More results


Similar Description - DM9301FP

ManufacturerPart #DatasheetDescription
logo
Level One
LXT902 LVL1-LXT902 Datasheet
404Kb / 14P
Ethernet Twisted-Pair Media Attachment Unit
logo
List of Unclassifed Man...
DM9301 ETC-DM9301 Datasheet
125Kb / 22P
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
logo
Micro Linear Corporatio...
ML6652 MICRO-LINEAR-ML6652 Datasheet
196Kb / 28P
10/100Mbps Ethernet Fiber and Copper Media Converter with Auto Negotiation
ML6652 MICRO-LINEAR-ML6652_04 Datasheet
667Kb / 28P
10/100Mbps Ethernet Fiber and Copper Media Converter with Auto-Negotiation
logo
Davicom Semiconductor, ...
DM9301F DAVICOM-DM9301F Datasheet
56Kb / 2P
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
DM9331AE DAVICOM-DM9331AE Datasheet
75Kb / 2P
100 Mbps Twisted Pair/Fiber Ethernet Media Converter Chip
DM9302 DAVICOM-DM9302 Datasheet
406Kb / 64P
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
DM9302EP DAVICOM-DM9302EP Datasheet
59Kb / 2P
10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter with Local bus
DM9332 DAVICOM-DM9332 Datasheet
387Kb / 61P
10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
DM9332EP DAVICOM-DM9332EP Datasheet
68Kb / 2P
10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com