Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9302 Datasheet (PDF) - Davicom Semiconductor, Inc.

DM9302 Datasheet PDF - Davicom Semiconductor, Inc.
Part # DM9302
Download  DM9302 Download
File Size   406.12 Kbytes
Page   64 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description 10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus

DM9302 Datasheet (PDF)

Go To PDF Page Download Datasheet
DM9302 Datasheet PDF - Davicom Semiconductor, Inc.

Part # DM9302
Download  DM9302 Click to download

File Size   406.12 Kbytes
Page   64 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description 10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus

DM9302 Datasheet (HTML) - Davicom Semiconductor, Inc.


DM9302 Product details

GENERAL DESCRIPTION
The DM9302 Fiber converter is complied with IEEE802.3 standards, and designed to convert data signal between 10/100 Base-TX and 100 Base-FX fast Ethernet.
Media converters are connected between Fiber cable and twisted cable segments with network and also the simplest way to interconnect any equipment’s 100BASE-TX / 10BASE-T to the 100BASE-FX interface network.

FEATURES
❐ 10/100BASE-TX/FX switch base single-chip media converter
❐ Compliant with IEEE802.3u 100BASE-TX standard, Compliant with ANSI X3T12 TP-PMD 1995 standard, Compliant with ANSI X3.166 FDDI-PMD
❐ 8/16-bit Processor Interface
❐ Per port supports 4 priority queues by Port-based, 802.1P VLAN, and IP TOS priority.
❐ Support 802.1Q VLAN up-to 16 VLAN group
❐ Support VLAN ID tag/untag options
❐ Per port support bandwidth, ingress and egress rate control
❐ Support Broadcast Storming filter function
❐ Support Store and Forward switching approach
❐ Support IEEE 802.3x Flow Control in Full-duplex mode
❐ Support Back Pressure Flow Control in Half-duplex mode
❐ Recode up-to 1K Uni-cast MAC addresses
❐ Automatic aging scheme
❐ EEPROM interface for power up configurations
❐ Support MIB-II counters
❐ Local bus slave architecture
❐ TCP/IP/UDP/IPv4 checksum offload
❐ Compatible with 3.3V and 5.0V tolerant I/O
❐ DSP PHY with HP Auto-MDIX, DSP architecture PHY Transceiver
❐ 64-pin LQFP, 0.18 um process, support Lead-Free and Halogen–Free




Similar Part No. - DM9302

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9302EP DAVICOM-DM9302EP Datasheet
59Kb / 2P
10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter with Local bus
More results


Similar Description - DM9302

ManufacturerPart #DatasheetDescription
logo
Level One
LXT902 LVL1-LXT902 Datasheet
404Kb / 14P
Ethernet Twisted-Pair Media Attachment Unit
logo
List of Unclassifed Man...
DM9301 ETC-DM9301 Datasheet
125Kb / 22P
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
logo
Micro Linear Corporatio...
ML6652 MICRO-LINEAR-ML6652 Datasheet
196Kb / 28P
10/100Mbps Ethernet Fiber and Copper Media Converter with Auto Negotiation
ML6652 MICRO-LINEAR-ML6652_04 Datasheet
667Kb / 28P
10/100Mbps Ethernet Fiber and Copper Media Converter with Auto-Negotiation
logo
Davicom Semiconductor, ...
DM9301F DAVICOM-DM9301F Datasheet
56Kb / 2P
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
DM9301FP DAVICOM-DM9301FP Datasheet
288Kb / 22P
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
DM9331AE DAVICOM-DM9331AE Datasheet
75Kb / 2P
100 Mbps Twisted Pair/Fiber Ethernet Media Converter Chip
DM9302EP DAVICOM-DM9302EP Datasheet
59Kb / 2P
10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter with Local bus
DM9332 DAVICOM-DM9332 Datasheet
387Kb / 61P
10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
DM9332EP DAVICOM-DM9332EP Datasheet
68Kb / 2P
10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com