Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9301FP Datasheet(PDF) 2 Page - Davicom Semiconductor, Inc.

Part # DM9301FP
Description  100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9301FP Datasheet(HTML) 2 Page - Davicom Semiconductor, Inc.

  DM9301FP Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 3Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 9Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
DM9301FP
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
2
Final
Version: DM9301FP-DS-F03
June 06, 2007
Table of Contents
General Description.................................................. 1
Block Diagram .......................................................... 1
Table of contents...................................................... 2
Features ................................................................... 3
Pin Configuration: DM9301FP QFP ......................... 4
Pin Description ......................................................... 5
Functional Description............................................ 10
100Base-FX to TX Operation ................................. 10
FX PECL Receiver.............................................. 10
FX Receiver Clock Recovery Module................. 10
FX NRZI to NRZ Converter ................................ 10
FX Serial to Parallel Converter ........................... 11
FX Code Group Alignment Monitor .................... 11
TX Scrambler...................................................... 11
TX Parallel to Serial Converter ........................... 11
TX NRZ to NRZI Converter ................................ 11
TX NRZI to MLT-3 Converter ............................. 11
TX MLT-3 Driver ................................................. 11
100Base-TX to FX Operation ................................. 12
TX Signal Detect................................................. 12
TX Digital Adaptive Equalization ........................ 12
TX MLT-3 to NRZI Decoder................................ 13
TX Clock Recovery Module ................................ 13
TX NRZI to NRZ Decoder................................... 13
TX Serial to Parallel Converter ........................... 13
TX Code Group Monitor...................................... 13
TX Descrambler.................................................. 13
FX Parallel to Serial Converter........................... 13
FX NRZ to NRZI Encoder................................... 13
Link Monitor and LED Driver .............................. 13
Absolute Maximum Ratings ................................... 14
DC Electrical Characteristics.................................. 15
AC Electrical Characteristics.................................. 16
Timing Waveforms ................................................. 17
100BASE-TX to FX Transmit Timing Diagram... 17
100BASE-FX to TX Transmit Timing Diagram... 17
5-Bit Symbol 100Base-TX/FX Transmit Timing
Diagram............................................................... 17
5-Bit Symbol 100Base-TX/FX Receive Timing
Diagram............................................................... 18
Application Circuit (For Reference Only) ............... 19
Package Information .............................................. 21
Ordering Information .............................................. 22
Disclaimer............................................................... 22
Company Overview................................................ 22
Products ................................................................. 22
Contact Windows ................................................... 22
Warning .................................................................. 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com