Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9301FP Datasheet(PDF) 21 Page - Davicom Semiconductor, Inc.

Part # DM9301FP
Description  100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9301FP Datasheet(HTML) 21 Page - Davicom Semiconductor, Inc.

Back Button DM9301FP Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 22Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
DM9301FP
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
Final
21
Version: DM9301FP-DS-F03
June 06, 2007
Package Information
100 Pins QFP Package Outline Information:
Dimension in mm
Dimension in inch
Symbol
Min
Nom
Max
Min
Nom
Max
A
-
-
3.40
-
-
0.134
A1
0.25
-
-
0.010
-
-
A2
2.73
2.85
2.97
0.107
0.112
0.117
B
0.25
0.30
0.38
0.010
0.012
0.015
C
0.13
0.15
0.23
0.005
0.006
0.009
D
23.00
23.20
23.40
0.906
0.913
0.921
D1
19.90
20.00
20.10
0.783
0.787
0.791
E
17.00
17.20
17.40
0.669
0.677
0.685
E1
13.90
14.00
14.10
0.547
0.551
0.555
e
0.65 BSC
0.026 BSC
L
0.73
0.88
1.03
0.029
0.035
0.041
L1
1.60 BSC
0.063 BSC
y
-
-
0.10
-
-
0.004
θ
0
o
-
7
o
0
o
-
7
o
1. Dimension D1 and E1 do not include resin fin.
2. All dimensions are base on metric system.
3. General appearance spec should base on its final visual inspection spec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com