Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9301FP Datasheet(PDF) 3 Page - Davicom Semiconductor, Inc.

Part # DM9301FP
Description  100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9301FP Datasheet(HTML) 3 Page - Davicom Semiconductor, Inc.

  DM9301FP Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 3Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9301FP Datasheet HTML 9Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DM9301FP
100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
Final
3
Version: DM9301FP-DS-F03
June 06, 2007
Features
• 100BASE-TX/FX single-chip media converter
• Total bit delay from FX to TX interface is 20 bit
times (10 bit times each direction).
• Optional propagate HALT on no Link condition
• Compliant with IEEE802.3u 100BASE-TX standard
• Compliant with ANSI X3T12 TP-PMD 1995
standard
• Compliant with ANSI X3.166 FDDI-PMD
• Supports Half and Full Duplex operation 100Mbps,
the DM9301FP operates in Full Duplex mode at all
times
• High performance 100Mbps clock generator and
data recovery circuit
• Controlled output edge rates in the 100Base-TX
transmitter without the need for an external filter
• LED supports for FX Link, TX link, FX receive data;
TX receives data, and FX code group error and TX
code group error.
• Built in LED test, all LED will light during a reset
condition on the DM9301FP
• Digital clock recovery and regeneration circuit
using an advanced digital algorithm to minimize
jitter
• Supports diagnostic TX to TX analog Loopback
and FX to FX analog Loopback (Loopback at the
NRZI interface)
• Supports diagnostic TX to TX digital Loopback and
FX to FX digital Loopback (Loopback at the 5B
symbol interface)
• Low-power, high-performance CMOS process
• Available in a 100 QFP package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com