Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5381-KZZ Datasheet (PDF) - Cirrus Logic

CS5381-KZZ Datasheet PDF - Cirrus Logic
Part # CS5381-KZZ
Download  CS5381-KZZ Download
File Size   292.76 Kbytes
Page   24 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 120 dB, 192 kHz, Multi-Bit Audio A/D Converter

CS5381-KZZ Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5381-KZZ Datasheet PDF - Cirrus Logic

Part # CS5381-KZZ
Download  CS5381-KZZ Click to download

File Size   292.76 Kbytes
Page   24 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 120 dB, 192 kHz, Multi-Bit Audio A/D Converter

CS5381-KZZ Datasheet (HTML) - Cirrus Logic


CS5381-KZZ Product details

General Description

The CS5381 is a complete analog-to-digital converter for digital audio systems. It performs sampling, analog to-digital conversion, and anti-alias filtering - generating 24-bit values for both left and right inputs in serial form at sample rates up to 216 kHz per channel. The CS5381 uses a 5th-order, multi-bit delta-sigma modulator followed by digital filtering and decimation, which removes the need for an external anti-alias filter. The ADC uses a differential architecture which provides excellent noise rejection.



Features

Advanced Multi-bit Delta-Sigma Architecture

24-bit Conversion

120 dB Dynamic Range

-110 dB THD+N

Supports All Audio Sample Rates Including 192 kHz

260 mW Power Consumption

High-Pass Filter or DC Offset Calibration

Supports Logic Levels between 5 and 2.5 V

Differential Analog Architecture

Low-Latency Digital Filtering

Overflow Detection

Pin-Compatible with the CS5361




Similar Part No. - CS5381-KZZ

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CS53 SUMIDA-CS53 Datasheet
155Kb / 2P
RF COILS < SMD Type: CS Series>
logo
Fuji Electric
CS53-16A FUJI-CS53-16A Datasheet
32Kb / 2P
Fast Recovery High Voltage Silicon Rectifiers
CS53-18A FUJI-CS53-18A Datasheet
32Kb / 2P
Fast Recovery High Voltage Silicon Rectifiers
CS53-20A FUJI-CS53-20A Datasheet
32Kb / 2P
Fast Recovery High Voltage Silicon Rectifiers
logo
ON Semiconductor
CS5301 ONSEMI-CS5301 Datasheet
165Kb / 20P
Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
More results


Similar Description - CS5381-KZZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5351 CIRRUS-CS5351 Datasheet
499Kb / 24P
108 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361 Datasheet
957Kb / 24P
111 dB, 192 kHz, Multi-Bit Audio A/D Converter
AUG 02
CS5341 CIRRUS-CS5341 Datasheet
437Kb / 24P
105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5342 CIRRUS-CS5342 Datasheet
400Kb / 22P
105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5341 CIRRUS-CS5341_06 Datasheet
403Kb / 22P
105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5342 CIRRUS-CS5342_06 Datasheet
403Kb / 21P
105 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5351 CIRRUS-CS5351_07 Datasheet
558Kb / 23P
108 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5340 CIRRUS-CS5340_08 Datasheet
405Kb / 22P
101 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341_08 Datasheet
406Kb / 22P
105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361_05 Datasheet
464Kb / 23P
114 dB, 192 kHz, Multi-Bit Audio A/D Converter
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com