Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5361 Datasheet (PDF) - Cirrus Logic

CS5361 Datasheet PDF - Cirrus Logic
Part # CS5361
Download  CS5361 Download
File Size   957.74 Kbytes
Page   24 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 111 dB, 192 kHz, Multi-Bit Audio A/D Converter

CS5361 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5361 Datasheet PDF - Cirrus Logic

Part # CS5361
Download  CS5361 Click to download

File Size   957.74 Kbytes
Page   24 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 111 dB, 192 kHz, Multi-Bit Audio A/D Converter

CS5361 Datasheet (HTML) - Cirrus Logic


CS5361 Product details

General Description

The CS5361 is a complete analog-to-digital converter for digital audio systems. It performs sampling, analog-to digital conversion, and anti-alias filtering. The CS5361 generates 24-bit values for both left and right inputs in serial form at sample rates up to 192 kHz per channel.



Features

Advanced Multi-bit Delta-sigma Architecture

24-bit Conversion

114 dB Dynamic Range

-105 dB THD+N

System Sampling Rates up to 192 kHz

135 mW Power Consumption

High-pass Filter and DCOffset Calibration

Supports Logic Levels Between 5 and 2.5 V

Differential Analog Architecture

Overflow Detection

Pin-compatible with the CS5381




Similar Part No. - CS5361

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5361 CIRRUS-CS5361 Datasheet
464Kb / 23P
114 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361-DZZ CIRRUS-CS5361-DZZ Datasheet
464Kb / 23P
114 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361-KSZ CIRRUS-CS5361-KSZ Datasheet
464Kb / 23P
114 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361-KZZ CIRRUS-CS5361-KZZ Datasheet
464Kb / 23P
114 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361_05 Datasheet
464Kb / 23P
114 dB, 192 kHz, Multi-Bit Audio A/D Converter
More results


Similar Description - CS5361

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5351 CIRRUS-CS5351 Datasheet
499Kb / 24P
108 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5381 CIRRUS-CS5381 Datasheet
292Kb / 24P
120 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341 Datasheet
437Kb / 24P
105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5342 CIRRUS-CS5342 Datasheet
400Kb / 22P
105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5341 CIRRUS-CS5341_06 Datasheet
403Kb / 22P
105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5342 CIRRUS-CS5342_06 Datasheet
403Kb / 21P
105 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5351 CIRRUS-CS5351_07 Datasheet
558Kb / 23P
108 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5340 CIRRUS-CS5340_08 Datasheet
405Kb / 22P
101 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341_08 Datasheet
406Kb / 22P
105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361_05 Datasheet
464Kb / 23P
114 dB, 192 kHz, Multi-Bit Audio A/D Converter
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com