Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5361 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5361
Description  111 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5361 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5361 Datasheet HTML 1Page - Cirrus Logic CS5361 Datasheet HTML 2Page - Cirrus Logic CS5361 Datasheet HTML 3Page - Cirrus Logic CS5361 Datasheet HTML 4Page - Cirrus Logic CS5361 Datasheet HTML 5Page - Cirrus Logic CS5361 Datasheet HTML 6Page - Cirrus Logic CS5361 Datasheet HTML 7Page - Cirrus Logic CS5361 Datasheet HTML 8Page - Cirrus Logic CS5361 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
 Cirrus Logic, Inc. 2002
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
CS5361
114 dB, 192 kHz, Multi-Bit Audio A/D Converter
Features
Advanced Multi-bit Delta-Sigma Architecture
24-Bit Conversion
114 dB Dynamic Range
-105 dB THD+N
System Sampling Rates up to 192 kHz
Less than 150 mW Power Consumption
High Pass Filter or DC Offset Calibration
Supports Logic Levels Between 5 and 2.5V
Differential Analog Architecture
Linear Phase Digital Anti-Alias Filtering
Overflow Detection
General Description
The CS5361 is a complete analog-to-digital converter for
digital audio systems. It performs sampling, analog-to-
digital conversion and anti-alias filtering, generating 24-
bit values for both left and right inputs in serial form at
sample rates up to 192 kHz per channel.
The CS5361 uses a 5th-order, multi-bit delta-sigma
modulator followed by digital filtering and decimation,
which removes the need for an external anti-alias filter.
The ADC uses a differential architecture which provides
excellent noise rejection.
The CS5361 is ideal for audio systems requiring wide dy-
namic range, negligible distortion and low noise, such as
A/V receivers, DVD-R, CD-R, digital mixing consoles,
and effects processors.
ORDERING INFORMATION
CS5361-KS
-10° to 70° C
24-pin SOIC
CS5361-BS
-40° to 85° C
24-pin SOIC
CS5361-KZ
-10° to 70° C
24-pin TSSOP
CS5361-BZ
-40° to 85° C
24-pin TSSOP
CDB5361
Evaluation Board
Voltage Reference
Serial Output Interface
Digital
Filter
High
Pass
Filter
High
Pass
Filter
Decimation
Digital
Filter
Decimation
DAC
-
+
S/H
DAC
-
+
S/H
AINR+
SCLK
SDOUT
MCLK
RST
VQ
LRCK
AINR-
AINL+
AINL-
FILT+
I2S/LJ
M/S
HPF
MODE0
MODE1
REFGND
VL
MDIV
LP Filter
LP Filter
∆Σ
∆Σ
OVFL
AUG ‘02
DS467PP2


Similar Part No. - CS5361

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5361 CIRRUS-CS5361 Datasheet
464Kb / 23P
114 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361-DZZ CIRRUS-CS5361-DZZ Datasheet
464Kb / 23P
114 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361-KSZ CIRRUS-CS5361-KSZ Datasheet
464Kb / 23P
114 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361-KZZ CIRRUS-CS5361-KZZ Datasheet
464Kb / 23P
114 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361_05 Datasheet
464Kb / 23P
114 dB, 192 kHz, Multi-Bit Audio A/D Converter
More results

Similar Description - CS5361

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5351 CIRRUS-CS5351 Datasheet
499Kb / 24P
108 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5381 CIRRUS-CS5381 Datasheet
292Kb / 24P
120 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341 Datasheet
437Kb / 24P
105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5342 CIRRUS-CS5342 Datasheet
400Kb / 22P
105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5341 CIRRUS-CS5341_06 Datasheet
403Kb / 22P
105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5342 CIRRUS-CS5342_06 Datasheet
403Kb / 21P
105 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5351 CIRRUS-CS5351_07 Datasheet
558Kb / 23P
108 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5340 CIRRUS-CS5340_08 Datasheet
405Kb / 22P
101 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341_08 Datasheet
406Kb / 22P
105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361_05 Datasheet
464Kb / 23P
114 dB, 192 kHz, Multi-Bit Audio A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com