Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5361 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5361
Description  111 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5361 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5361 Datasheet HTML 12Page - Cirrus Logic CS5361 Datasheet HTML 13Page - Cirrus Logic CS5361 Datasheet HTML 14Page - Cirrus Logic CS5361 Datasheet HTML 15Page - Cirrus Logic CS5361 Datasheet HTML 16Page - Cirrus Logic CS5361 Datasheet HTML 17Page - Cirrus Logic CS5361 Datasheet HTML 18Page - Cirrus Logic CS5361 Datasheet HTML 19Page - Cirrus Logic CS5361 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
CS5361
16
DC ELECTRICAL CHARACTERISTICS (GND = 0V, all voltages with respect to ground.
MCLK=12.288 MHz; Master Mode)
Notes: 5. Power Down Mode is defined as RST = Low with all clocks and data lines held static.
6. Valid with the recommended capacitor values on FILT+ and VQ as shown in the Typical Connection
Diagram.
DIGITAL CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supplies:
Positive Analog
Positive Digital
Positive Logic
VA
VD
VL
4.75
3.1
2.37
5.0
-
-
5.25
5.25
5.25
V
V
V
Power Supply Current
VA
(Normal Operation)
VL,VD = 5 V
VL,VD = 3.3V
IA
ID
ID
-
-
-
17.5
22
14.5
21
26
17
mA
mA
mA
Power Supply Current
VA
(Power-Down Mode)(Note 5)
VL,VD=5V
IA
ID
-
-
2
2
-
-
mA
mA
Power Consumption
(Normal Operation)
VL, VD=5V
VL, VD = 3.3V
(Power-Down Mode)
-
-
-
-
-
-
198
135
20
235
161
-
mW
mW
mW
Power Supply Rejection Ratio (1 kHz)
(Note 6)
PSRR
-
65
-
dB
VQ Nominal Voltage
Output Impedance
Maximum allowable DC current source/sink
-
-
-
2.5
25
0.01
-
-
-
V
k
Ω
mA
Filt+ Nominal Voltage
Output Impedance
Maximum allowable DC current source/sink
-
-
-
5
18
0.01
-
-
-
V
k
Ω
mA
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
(% of VL)
VIH
70%
-
-
V
Low-Level Input Voltage
(% of VL)
VIL
--
30%
V
High-Level Output Voltage at Io = 100 uA
(% of VL)
VOH
70%
-
-
V
Low-Level Output Voltage at Io = 100 uA
(% of VL)
VOL
--
15%
V
OVFL Current Sink
Iovfl
--
4.0
mA
Input Leakage Current
Iin
--
±10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com