Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5361 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS5361
Description  111 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5361 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS5361 Datasheet HTML 16Page - Cirrus Logic CS5361 Datasheet HTML 17Page - Cirrus Logic CS5361 Datasheet HTML 18Page - Cirrus Logic CS5361 Datasheet HTML 19Page - Cirrus Logic CS5361 Datasheet HTML 20Page - Cirrus Logic CS5361 Datasheet HTML 21Page - Cirrus Logic CS5361 Datasheet HTML 22Page - Cirrus Logic CS5361 Datasheet HTML 23Page - Cirrus Logic CS5361 Datasheet HTML 24Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
CS5361
24
7 ADDENDUM
The CS5351 and CS5361 family of analog-to-digi-
tal converters are functionally compatible and can
easily be interchanged with minimal modifications
to the input buffer circuitry.
Figure 25 shows an analog input buffer that pro-
vides anti-alias filtering, proper dc biasing, and op-
timum source impedance for the modulators. The
input buffer shown will work well with both the
CS5351 and the CS5361, merely by changing the
bill of materials.
In order to use this buffer design with the CS5351,
one would stuff the 0ohm resistors R19 and R22
and not populate R3 and R20. This will create a sin-
gle-ended input buffer with the unused differential
input pin connected to the quiescent voltage of the
converter (VQ). Note that in this configuration, it is
unnecessary to have the second op-amp and related
components.
In order to use this buffer design with the CS5361,
one would stuff the 0ohm resistors R3 and R20 and
not populate R19 and R22. This will create a fully
differential analog input buffer (as shown in Figure
3).
Figure 25. CS5351/CS5361 Analog Input Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com