Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5361 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS5361
Description  111 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5361 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS5361 Datasheet HTML 13Page - Cirrus Logic CS5361 Datasheet HTML 14Page - Cirrus Logic CS5361 Datasheet HTML 15Page - Cirrus Logic CS5361 Datasheet HTML 16Page - Cirrus Logic CS5361 Datasheet HTML 17Page - Cirrus Logic CS5361 Datasheet HTML 18Page - Cirrus Logic CS5361 Datasheet HTML 19Page - Cirrus Logic CS5361 Datasheet HTML 20Page - Cirrus Logic CS5361 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
CS5361
17
THERMAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS (GND = 0V, All voltages with respect to ground.) (Note 7)
Notes: 7. Any pin except supplies. Transient currents of up to ±100 mA on the analog input pins will not cause SRC
latch-up.
8. The maximum over/under voltage is limited by the input current.
9. Operation beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Parameter
Symbol
Min
Typ
Max
Unit
Allowable Junction Temperature
-
-
135
°C
Junction to Ambient Thermal Impedance
θJA
-70
-
°C/W
Ambient Operating Temperature (Power Applied) -KS
-BS
TA
TA
-10
-40
-
-
+70
+85
°C
°C
Parameter
Symbol
Min
Typ
Max
Units
DC Power Supplies:
Analog
Logic
Digital
VA
VL
VD
-0.3
-0.3
-0.3
-
-
-
+6.0
+6.0
+6.0
V
V
V
Input Current
(Note 8)
Iin
--
±10
mA
Analog Input Voltage
(Note 9)
VIN
GND-0.7
-
VA+0.7
V
Digital Input Voltage
(Note 9)
VIND
-0.7
-
VL+0.7
V
Ambient Operating Temperature (Power Applied)
TA
-50
-
+95
°C
Storage Temperature
Tstg
-65
-
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com