Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5361 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS5361
Description  111 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5361 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS5361 Datasheet HTML 15Page - Cirrus Logic CS5361 Datasheet HTML 16Page - Cirrus Logic CS5361 Datasheet HTML 17Page - Cirrus Logic CS5361 Datasheet HTML 18Page - Cirrus Logic CS5361 Datasheet HTML 19Page - Cirrus Logic CS5361 Datasheet HTML 20Page - Cirrus Logic CS5361 Datasheet HTML 21Page - Cirrus Logic CS5361 Datasheet HTML 22Page - Cirrus Logic CS5361 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
CS5361
19
SCLK output
t msl
r
SDOUT
t sd
o
LRCK
output
MSB
MSB-1
SCLK input
LRCK input
sclkl
t
dss
t
MSB
MSB-1
MSB-2
lrdss
t
sclkh
t
t
sclkw
SDOUT
srd
l
t
Figure 16. Master Mode, Left Justified SAI
Figure 17. Slave Mode, Left Justified SAI
SCLK
output
tmslr
SDOUT
tsdo
LRCK output
MSB
SCLK input
LRCK input
sclkl
t
dss
t
MSB
MSB-1
sclkh
t
tsclkw
SDOUT
Figure 18. Master Mode, I2S SAI
Figure 19. Slave Mode, I2S SAI
OVFL
t setup
LRCK
t hold
Figure 20. OVFL Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com