Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6609 Datasheet (PDF) - ON Semiconductor

2N6609 Datasheet PDF - ON Semiconductor
Part # 2N6609
Download  2N6609 Download
File Size   205.47 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description COMPLEMENTARY POWER TRANSISTORS

2N6609 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6609 Datasheet PDF - ON Semiconductor

Part # 2N6609
Download  2N6609 Click to download

File Size   205.47 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description COMPLEMENTARY POWER TRANSISTORS

2N6609 Datasheet (HTML) - ON Semiconductor


2N6609 Product details

Complementary Silicon Power Transistors

The 2N3773 and 2N6609 are PowerBase™ power transistors designed for high power audio, disk head positioners and other linear applications. These devices can also be used in power switching circuits such as relay or solenoid drivers, DC−DC converters or inverters.

Features
• Pb−Free Packages are Available**
• High Safe Operating Area (100% Tested) 150 W @ 100 V
• Completely Characterized for Linear Operation
• High DC Current Gain and Low Saturation Voltage
   hFE = 15 (Min) @ 8.0 A, 4.0 V
   VCE(sat) = 1.4 V (Max) @ IC = 8.0 A, IB = 0.8 A
• For Low Distortion Complementary Designs




Similar Part No. - 2N6609

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6609 MOSPEC-2N6609 Datasheet
143Kb / 3P
POWER TRANSISTORS(16A,140V,150W)
logo
Boca Semiconductor Corp...
2N6609 BOCA-2N6609 Datasheet
148Kb / 3P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
2N6609 ONSEMI-2N6609 Datasheet
96Kb / 6P
Complementary Silicon Power Transistors
July, 2004 ??Rev. 10
2N6609 ONSEMI-2N6609 Datasheet
97Kb / 6P
Complementary Silicon Power Transistors
July, 2004 ??Rev. 10
logo
New Jersey Semi-Conduct...
2N6609 NJSEMI-2N6609 Datasheet
96Kb / 2P
Complementary Silicon Power Transistors
More results


Similar Description - 2N6609

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955_02 Datasheet
188Kb / 6P
COMPLEMENTARY POWER TRANSISTORS
Feb-2002
logo
ON Semiconductor
MJD31 ONSEMI-MJD31_05 Datasheet
81Kb / 8P
Complementary Power Transistors
June, 2005 ??Rev. 6
logo
STMicroelectronics
TIP2955 STMICROELECTRONICS-TIP2955_08 Datasheet
88Kb / 7P
Complementary power transistors
10-Jan-2008
logo
List of Unclassifed Man...
2N6109 ETC2-2N6109 Datasheet
365Kb / 6P
Complementary Power Transistors
logo
Guangdong Kexin Industr...
MJD44H11 KEXIN-MJD44H11 Datasheet
46Kb / 2P
Complementary Power Transistors
logo
ON Semiconductor
MJD31 ONSEMI-MJD31_11 Datasheet
135Kb / 10P
Complementary Power Transistors
February, 2011 ??Rev. 8
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
184Kb / 7P
Complementary Power Transistors
February, 2012 ??Rev. 12
MJD31 ONSEMI-MJD31_16 Datasheet
100Kb / 10P
Complementary Power Transistors
September, 2016 ??Rev. 16
MJD2955 ONSEMI-MJD2955_13 Datasheet
138Kb / 7P
Complementary Power Transistors
August, 2013 ??Rev. 13
MJD44H11 ONSEMI-MJD44H11_V01 Datasheet
310Kb / 11P
Complementary Power Transistors
August, 2021 ??Rev. 21
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com