Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6609 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2N6609 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2N6609
Download  2N6609 Download
File Size   96.61 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Complementary Silicon Power Transistors

2N6609 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6609 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2N6609
Download  2N6609 Click to download

File Size   96.61 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Complementary Silicon Power Transistors

2N6609 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2N6609 Product details

Complementary Silicon Power Transistors

The 2N3773 and 2N6609 are PowerBase™ power transistors designed for high power audio, disk head positioners and other linear applications. These devices can also be used in power switching circuits such as relay or solenoid drivers, DC-DC converters or inverters.

Features
• Pb-FreePackages areAvailable**
• High Safe Operating Area (100% Tested) 150 W @ 100 V
• Completely Characterized for LinearOperation
• High DC Current Gain and Low Saturation Voltage
   hFE = 15 (Min) @ 8.0 A, 4.0 V
   VcE(sat) = 1.4 V (Max) @ Ic = 8.0 A, IB = 0.8 A
• For Low Distortion Complementary Designs




Similar Part No. - 2N6609

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6609 MOSPEC-2N6609 Datasheet
143Kb / 3P
POWER TRANSISTORS(16A,140V,150W)
logo
ON Semiconductor
2N6609 ONSEMI-2N6609 Datasheet
205Kb / 6P
COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
logo
Boca Semiconductor Corp...
2N6609 BOCA-2N6609 Datasheet
148Kb / 3P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
2N6609 ONSEMI-2N6609 Datasheet
96Kb / 6P
Complementary Silicon Power Transistors
July, 2004 ??Rev. 10
2N6609 ONSEMI-2N6609 Datasheet
97Kb / 6P
Complementary Silicon Power Transistors
July, 2004 ??Rev. 10
More results


Similar Description - 2N6609

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Seme LAB
2N6299SMD SEME-LAB-2N6299SMD Datasheet
33Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5871 NJSEMI-2N5871 Datasheet
253Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N5879 NJSEMI-2N5879 Datasheet
171Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP3055G ONSEMI-TIP3055G Datasheet
114Kb / 6P
Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055_15 Datasheet
493Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N4231A CENTRAL-2N4231A_15 Datasheet
344Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
TIP35 CENTRAL-TIP35_15 Datasheet
445Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
102Kb / 5P
Complementary Silicon Power Transistors
November, 2014 ??Rev. 13
logo
New Jersey Semi-Conduct...
D44H NJSEMI-D44H Datasheet
91Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com