Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM1T-RKW Datasheet (PDF) - Cree, Inc

CLM1T-RKW Datasheet PDF - Cree, Inc
Part # CLM1T-RKW
Download  CLM1T-RKW Download
File Size   660.65 Kbytes
Page   8 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description Cree짰 PLCC2 1 in 1 SMD LED

CLM1T-RKW Datasheet (PDF)

Go To PDF Page Download Datasheet
CLM1T-RKW Datasheet PDF - Cree, Inc

Part # CLM1T-RKW
Download  CLM1T-RKW Click to download

File Size   660.65 Kbytes
Page   8 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description Cree짰 PLCC2 1 in 1 SMD LED

CLM1T-RKW Datasheet (HTML) - Cree, Inc




Similar Part No. - CLM1T-RKW

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
CLM10D-050 PHIHONG-CLM10D-050 Datasheet
148Kb / 2P
10W Automobile Charger
CLM10D-050-R PHIHONG-CLM10D-050-R Datasheet
190Kb / 2P
10W Car Charging Adapter for Portable Electronics
CLM10D-050 PHIHONG-CLM10D-050_14 Datasheet
190Kb / 2P
10W Car Charging Adapter for Portable Electronics
CLM10D-203M PHIHONG-CLM10D-203M Datasheet
161Kb / 2P
Dual Output Car Charging Adapter for Portable Electronics
logo
Calogic, LLC
CLM1117 CALOGIC-CLM1117 Datasheet
47Kb / 4P
800mA Low Dropout Regulator SCSI-II Active Terminator
More results


Similar Description - CLM1T-RKW

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM1B-BKW MARKTECH-CLM1B-BKW Datasheet
421Kb / 8P
Cree짰 PLCC2 1-in-1 SMD LED
CLM1B-RKW MARKTECH-CLM1B-RKW Datasheet
424Kb / 8P
Cree짰 PLCC2 1 in 1 SMD LED
CLM1S-WKW MARKTECH-CLM1S-WKW Datasheet
527Kb / 9P
Cree짰 PLCC2 1-in-1 SMD LED
CLM3A-WKW MARKTECH-CLM3A-WKW Datasheet
376Kb / 10P
Cree짰 PLCC2 1-in-1 SMD LED
logo
Cree, Inc
CLM3C-WKW CREE-CLM3C-WKW Datasheet
785Kb / 11P
PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM3C MARKTECH-CLM3C Datasheet
787Kb / 11P
PLCC2 1 in 1 SMD LED
logo
Cree, Inc
CLM1B-AKC CREE-CLM1B-AKC Datasheet
1Mb / 10P
Cree짰 PLCC2 1 in 1 SMD LED
CLM1S-BKW CREE-CLM1S-BKW Datasheet
667Kb / 8P
Cree짰 PLCC2 1-in-1 SMD LED
CLM3S-BKW CREE-CLM3S-BKW Datasheet
714Kb / 8P
Cree짰 PLCC2 1 in 1 SMD LED
CLM3S-WKW CREE-CLM3S-WKW Datasheet
751Kb / 10P
Cree짰 PLCC2 1 in 1 SMD LED
More results




About Cree, Inc


Cree, Inc. is an American semiconductor company that specializes in the design and manufacture of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as LED lighting and power electronics products. The company was founded in 1987 and is headquartered in Durham, North Carolina.

Cree's wide bandgap semiconductors are used in a variety of applications, including power electronics, automotive, aerospace, and defense. The company's SiC and GaN devices are known for their high efficiency, high power density, and high operating temperature, making them ideal for use in applications where high performance is critical.

In addition to its wide bandgap semiconductor products, Cree also offers LED lighting products, including bulbs, fixtures, and chips, that are used in a variety of applications, including residential, commercial, and industrial lighting. Cree's LED lighting products are known for their high quality, energy efficiency, and long lifespan.

Cree has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 100 countries worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com