Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM1T-RKW Datasheet(PDF) 2 Page - Cree, Inc

Part # CLM1T-RKW
Description  Cree짰 PLCC2 1 in 1 SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM1T-RKW Datasheet(HTML) 2 Page - Cree, Inc

  CLM1T-RKW Datasheet HTML 1Page - Cree, Inc CLM1T-RKW Datasheet HTML 2Page - Cree, Inc CLM1T-RKW Datasheet HTML 3Page - Cree, Inc CLM1T-RKW Datasheet HTML 4Page - Cree, Inc CLM1T-RKW Datasheet HTML 5Page - Cree, Inc CLM1T-RKW Datasheet HTML 6Page - Cree, Inc CLM1T-RKW Datasheet HTML 7Page - Cree, Inc CLM1T-RKW Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
2
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
2
Cree PLCC2 1 in 1 SMD LED
CLM1T-RKW
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Forward Current
I
F
50
mA
Peak Forward Current Note
I
FP
200
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
130
mW
Operation Temperature
T
opr
-40 ~ +100
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Junction Temperature
T
J
110
°C
Junction/Ambient
R
THJA
450
°C/W
Junction/Solder Point
R
THJS
300
°C/W
Note: Pulse width ≤0.1 msec, duty ≤1/10.
TYPICAL ELECTRICAL & OPTICAL CHARACTERISTICS (T
A = 25°C)
Characteristics
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
V
F
I
F = 20 mA
V
2.3
2.6
Reverse Current
I
R
V
R = 5 V
μA
10
Dominant Wavelength
λ
D
I
F = 20 mA
nm
620
628
635
Luminous Intensity
I
V
I
F = 20 mA
mcd
280
400
50% Power Angle
2θ½
I
F = 20 mA
deg
120



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com