Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC284AQ Datasheet (PDF) - Semtech Corporation

SC284AQ Datasheet PDF - Semtech Corporation
Part # SC284AQ
Download  SC284AQ Download
File Size   1774.12 Kbytes
Page   23 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Dual Channel 2.5MHz, 1.7A Synchronous Buck Regulator

SC284AQ Datasheet (PDF)

Go To PDF Page Download Datasheet
SC284AQ Datasheet PDF - Semtech Corporation

Part # SC284AQ
Download  SC284AQ Click to download

File Size   1774.12 Kbytes
Page   23 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Dual Channel 2.5MHz, 1.7A Synchronous Buck Regulator

SC284AQ Datasheet (HTML) - Semtech Corporation




Similar Part No. - SC284AQ

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC284 SEMTECH-SC284 Datasheet
1Mb / 20P
Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
SC284P SEMTECH-SC284P Datasheet
2Mb / 22P
Dual Channel 2.5MHz, 2.0A Synchronous Buck with Automatic Power Save
SC284PEVB SEMTECH-SC284PEVB Datasheet
2Mb / 22P
Dual Channel 2.5MHz, 2.0A Synchronous Buck with Automatic Power Save
SC284PULTRC SEMTECH-SC284PULTRC Datasheet
2Mb / 22P
Dual Channel 2.5MHz, 2.0A Synchronous Buck with Automatic Power Save
More results


Similar Description - SC284AQ

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC283 SEMTECH-SC283 Datasheet
1Mb / 20P
Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
logo
Intersil Corporation
ISL8036 INTERSIL-ISL8036 Datasheet
2Mb / 25P
Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
October 18, 2010
logo
Micrel Semiconductor
MIC2238 MICREL-MIC2238_10 Datasheet
1Mb / 16P
2.5MHz Dual Phase PWM Buck Regulator
logo
Semtech Corporation
SC284 SEMTECH-SC284 Datasheet
1Mb / 20P
Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
logo
Micrel Semiconductor
MIC2238-AAYMLTR MICREL-MIC2238-AAYMLTR Datasheet
1Mb / 16P
2.5MHz Dual Phase PWM Buck Regulator
logo
Intersil Corporation
ISL78236ARZ INTERSIL-ISL78236ARZ Datasheet
1Mb / 24P
Dual 3A Current Sharing 2.5MHz High Efficiency Synchronous Buck Regulator
April 28, 2014
logo
Renesas Technology Corp
ISL8036 RENESAS-ISL8036 Datasheet
3Mb / 26P
Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
ISL78236 RENESAS-ISL78236 Datasheet
2Mb / 24P
Dual 3A Current Sharing 2.5MHz High Efficiency Synchronous Buck Regulator
ISL78322 RENESAS-ISL78322 Datasheet
1Mb / 17P
Dual 2A/1.7A, 2.25MHz High-Efficiency, Synchronous Buck Regulator
logo
Semtech Corporation
SC284P SEMTECH-SC284P Datasheet
2Mb / 22P
Dual Channel 2.5MHz, 2.0A Synchronous Buck with Automatic Power Save
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com