Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7113 Datasheet (PDF) - List of Unclassifed Manufacturers

AMC7113 Datasheet PDF - List of Unclassifed Manufacturers
Part # AMC7113
Download  AMC7113 Download
File Size   115.26 Kbytes
Page   1 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description White/Blue LED Driver for Li-Ion Battery Application

AMC7113 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC7113 Datasheet PDF - List of Unclassifed Manufacturers

Part # AMC7113
Download  AMC7113 Click to download

File Size   115.26 Kbytes
Page   1 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description White/Blue LED Driver for Li-Ion Battery Application

AMC7113 Datasheet (HTML) - List of Unclassifed Manufacturers


AMC7113 Product details

[ADDTEK]



DESCRIPTION

The AMC7110 series is member of ADDM North Star White/Blue LED driver family. No external component is required. Especially good for use Li-ion battery powered LCD display’s backlight white LEDs. The special circuit design provides over 90% efficiency in low noise. 



FEATURES

LED sink current 20mA and 15mA  

Individual current sink circuit for all LEDs outputs to prevent short / open circuit on LEDs.

PTC LED current for luminosity compensation.

3 channels (SOT-26), 4 channels (MSOP-8) available.

90% efficiency 

Supply voltage range 2.7V ~ 6V

0.1uA standby current

2KV HBM ESD protection

Advanced Bi-CMOS process.



APPLICATIONS

Small Size Color LCD Backlights

Mobile Phone, Smart Phone Keypad Backlights




Similar Part No. - AMC7113

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC7113 ADDTEK-AMC7113 Datasheet
199Kb / 10P
WHITE/BLUE LED DRIVER FOR LI-ION BATTERY APPLICATION
JUNE 2007
AMC7113DBF ADDTEK-AMC7113DBF Datasheet
199Kb / 10P
WHITE/BLUE LED DRIVER FOR LI-ION BATTERY APPLICATION
JUNE 2007
More results


Similar Description - AMC7113

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
TS2208A TSC-TS2208A Datasheet
107Kb / 6P
Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
logo
ADDtek Corp
AMC7110 ADDTEK-AMC7110 Datasheet
199Kb / 10P
WHITE/BLUE LED DRIVER FOR LI-ION BATTERY APPLICATION
JUNE 2007
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
Li-ion Battery Charger
May 16, 2007
logo
SamHop Microelectronics...
SM6802 SAMHOP-SM6802 Datasheet
231Kb / 13P
WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
logo
ACE Technology Co., LTD...
ACE517 ACE-ACE517 Datasheet
213Kb / 8P
WLED Linear Driver for Li-lon Battery Application
VER 1.2
logo
Vishay Siliconix
SIP12401 VISHAY-SIP12401 Datasheet
154Kb / 7P
Boost Controller For Double AA Cell or Li-Ion Battery For White LED Application
03-Sep-07
logo
Rohm
BD99958GW ROHM-BD99958GW Datasheet
8Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
logo
Maxim Integrated Produc...
MAX17703EVKITA MAXIM-MAX17703EVKITA Datasheet
1Mb / 15P
MAX17703 in 4.2V Li-Ion Battery Charger Application
Rev 0; 4/21
logo
Rohm
BD99954MWV ROHM-BD99954MWV Datasheet
3Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com