Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP12401 Datasheet (PDF) - Vishay Siliconix

SIP12401 Datasheet PDF - Vishay Siliconix
Part # SIP12401
Download  SIP12401 Download
File Size   154.7 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Boost Controller For Double AA Cell or Li-Ion Battery For White LED Application

SIP12401 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP12401 Datasheet PDF - Vishay Siliconix

Part # SIP12401
Download  SIP12401 Click to download

File Size   154.7 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Boost Controller For Double AA Cell or Li-Ion Battery For White LED Application

SIP12401 Datasheet (HTML) - Vishay Siliconix


SIP12401 Product details

DESCRIPTION
SiP12401 is a boost controller IC for double cell NiMH or Alkaline battery and Li Ion battery, which can drive white LEDs connected in series to provide backlight in hand-held devices. Series connection of the LEDs provides identical LED currents resulting in uniform brightness and eliminating the need for ballast resistors. For best efficiency performance, the SiP12401 is designed to operate in PWM mode with 600 kHz switching. The voltage-mode PWM design is internally compensated, reducing the external parts count. It accepts input voltages from 1.8 V to 5.0 V. The LED current can be adjusted externally for its brightness control. SiP12401 features low shutdown current of under 1 µA.

FEATURES
• Voltage Mode Control with Internal Frequency Compensation
• 1.8 V to 5.0 V Input Voltage Range
• PWM Control with 600 kHz Fixed Switching Frequency
• Analog Control of LED Intensity
• Regulated Output Current
• Integrated UVLO and Soft-Start
• Logic Controlled Shutdown (< 1 µA)
• High Efficiency: Typical 80 %
• PowerPAK® MLP33-6 Package

APPLICATIONS
• White LED Backlighting
• LCD Bias Supplies
• Handheld Devices
• Digital Cameras
• Portable Applications




Similar Part No. - SIP12401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12101 VISHAY-SIP12101 Datasheet
220Kb / 13P
High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
03-Aug-09
SIP12101DH-T1 VISHAY-SIP12101DH-T1 Datasheet
220Kb / 13P
High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
03-Aug-09
SIP12107 VISHAY-SIP12107 Datasheet
715Kb / 19P
5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
20-Feb-12
SIP12107 VISHAY-SIP12107 Datasheet
911Kb / 20P
5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
29-Jun-2020
SIP12107 VISHAY-SIP12107 Datasheet
4Mb / 12P
microBUCK® Highly Integrated Synchronous Buck Regulators
More results


Similar Description - SIP12401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9168 VISHAY-SI9168 Datasheet
122Kb / 10P
Synchronous Buck or Boost Controller for 2-Cell Li Battery Operated Portable Communication Devices
logo
List of Unclassifed Man...
AMC7110 ETC1-AMC7110 Datasheet
115Kb / 1P
White/Blue LED Driver for Li-Ion Battery Application
logo
Taiwan Memory Technolog...
T63H0008A TMT-T63H0008A Datasheet
341Kb / 20P
Li-Ion/Polymer Battery for one-cell Protector
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
TS2208A TSC-TS2208A Datasheet
107Kb / 6P
Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
logo
ADDtek Corp
AMC7110 ADDTEK-AMC7110 Datasheet
199Kb / 10P
WHITE/BLUE LED DRIVER FOR LI-ION BATTERY APPLICATION
JUNE 2007
logo
SamHop Microelectronics...
SM6802 SAMHOP-SM6802 Datasheet
231Kb / 13P
WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
logo
Vishay Siliconix
SIP12501 VISHAY-SIP12501 Datasheet
231Kb / 9P
Boost Converter for Single/Double AA Cell or NiMH Battery for White LED Applications
03-Aug-09
logo
Rohm
BD99958GW ROHM-BD99958GW Datasheet
8Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
BD99954MWV ROHM-BD99954MWV Datasheet
3Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com