Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP12107 Datasheet (PDF) - Vishay Siliconix

SIP12107 Datasheet PDF - Vishay Siliconix
Part # SIP12107
Download  SIP12107 Download
File Size   911.31 Kbytes
Page   20 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator

SIP12107 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP12107 Datasheet PDF - Vishay Siliconix

Part # SIP12107
Download  SIP12107 Click to download

File Size   911.31 Kbytes
Page   20 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator

SIP12107 Datasheet (HTML) - Vishay Siliconix


SIP12107 Product details

• 2.8 V to 5.5 V input voltage
• Adjustable output voltage down to 0.6 V
• 3 A continuous output current
• Programmable switching frequency up to 4 MHz
• 95 % peak efficiency
• Supports all ceramic capacitors,no external ESR required
• Ultrafast transient response
• Selectable power saving mode or force current mode
• ± 1 % accuracy
• Pulse-by-pulse current limit
• Scalable with SiP12108 - 5A
• Fully protected with OTP, SCP, UVP, OVP
• PGOOD Indicator




Similar Part No. - SIP12107

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12107 VISHAY-SIP12107 Datasheet
715Kb / 19P
5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
20-Feb-12
SIP12107 VISHAY-SIP12107 Datasheet
4Mb / 12P
microBUCK® Highly Integrated Synchronous Buck Regulators
SIP12107DB VISHAY-SIP12107DB Datasheet
715Kb / 19P
5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
20-Feb-12
SIP12107DMP-T1-GE3 VISHAY-SIP12107DMP-T1-GE3 Datasheet
715Kb / 19P
5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
20-Feb-12
More results


Similar Description - SIP12107

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1882 AD-ADP1882 Datasheet
1Mb / 40P
Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
REV. 0
logo
Texas Instruments
LM5017MRX_NOPB TI1-LM5017MRX_NOPB Datasheet
1Mb / 19P
600mA Constant On-Time Synchronous Buck Regulator
logo
Analog Devices
ADP1872 AD-ADP1872 Datasheet
67Kb / 1P
Synchronous Current-Mode with Constant On-time, PWM Buck
Rev. PrA
logo
Vishay Siliconix
SIP12107 VISHAY-SIP12107 Datasheet
715Kb / 19P
5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
20-Feb-12
logo
Texas Instruments
LM5017 TI-LM5017_15 Datasheet
1Mb / 31P
100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5019 TI-LM5019_15 Datasheet
1Mb / 30P
100-V, 100-mA Constant On-Time Synchronous Buck Regulator
logo
Vishay Siliconix
SIP12116 VISHAY-SIP12116 Datasheet
942Kb / 18P
3 A Current Mode Constant On-Time Synchronous Buck Regulator
06-Mar-17
SIP12117 VISHAY-SIP12117 Datasheet
926Kb / 18P
3 A Current Mode Constant On-Time Synchronous Buck Regulator
06-Mar-17
SIP12116 VISHAY-SIP12116_V01 Datasheet
978Kb / 17P
3 A Current Mode Constant On-Time Synchronous Buck Regulator
29-Jun-2020
SIP12117 VISHAY-SIP12117_V01 Datasheet
965Kb / 17P
3 A Current Mode Constant On-Time Synchronous Buck Regulator
29-Jun-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com