Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP12107 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP12107
Description  5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12107 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP12107 Datasheet HTML 1Page - Vishay Siliconix SIP12107 Datasheet HTML 2Page - Vishay Siliconix SIP12107 Datasheet HTML 3Page - Vishay Siliconix SIP12107 Datasheet HTML 4Page - Vishay Siliconix SIP12107 Datasheet HTML 5Page - Vishay Siliconix SIP12107 Datasheet HTML 6Page - Vishay Siliconix SIP12107 Datasheet HTML 7Page - Vishay Siliconix SIP12107 Datasheet HTML 8Page - Vishay Siliconix SIP12107 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SiP12107
www.vishay.com
Vishay Siliconix
S20-0484-Rev. C, 29-Jun-2020
2
Document Number: 63395
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL PARAMETER
CONDITIONS
LIMIT
UNIT
VIN
Reference to PGND
-0.3 to 6
V
AVIN
Reference to AGND
-0.3 to 6
LX
Reference to PGND
-0.3 to 6
AGND to PGND
-0.3 to 0.3
All logic inputs
Reference to AGND
-0.3 to AVIN + 0.3
TEMPERATURE
Max. operating junction temperature
150
°C
Storage temperature
-65 to +150
POWER DISSIPATION
Junction to ambient thermal impedance
(RthJA)
36.3
°C/W
Maximum power dissipation
Ambient temperature = 25 °C
3.4
W
Ambient temperature = 100 °C
1.3
ESD PROTECTION
Electrostatic discharge protection
HBM
2
kV
RECOMMENDED OPERATING RANGE
ELECTRICAL PARAMETER
MINIMUM
TYPICAL
MAXIMUM
UNIT
VIN
2.8
-
5.5
V
AVIN
2.8
-
5.5
LX
-1
-
5.5
VOUT
0.6
-
0.85 x VIN
Ambient temperature
-40 to +85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com