Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP12401 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP12401
Description  Boost Controller For Double AA Cell or Li-Ion Battery For White LED Application
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12401 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP12401 Datasheet HTML 1Page - Vishay Siliconix SIP12401 Datasheet HTML 2Page - Vishay Siliconix SIP12401 Datasheet HTML 3Page - Vishay Siliconix SIP12401 Datasheet HTML 4Page - Vishay Siliconix SIP12401 Datasheet HTML 5Page - Vishay Siliconix SIP12401 Datasheet HTML 6Page - Vishay Siliconix SIP12401 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 73193
S-71822-Rev. C, 03-Sep-07
www.vishay.com
3
Vishay Siliconix
SiP12401
PIN CONFIGURATION AND TRUTH TABLE
PIN FUNCTIONS
XSHD (Pin 1)
XSHD is the logic controlled shutdown input pin. When
XSHD is low, the IC is shutdown and it’s quiescent current is
less than 1 µA. When XSHD is high, the IC is working in
normal operation.
VIN (Pin 2)
VIN is the pin connected to battery input voltage. The IC gets
its power supply from VIN.
FB (Pin 3)
FB is the feedback pin of the output voltage via resistor
divider. FB is about 0.3 V and its difference from 0.3 V
reference voltage is amplified by the error amplifier.
AGND (Pin 4)
AGND is the pin for ground of controlling circuit.
PGND (Pin 5)
PGND is the pin for ground of the internal power MOS driver.
EXT (Pin 6)
EXT is the output pin of internal driver. It’s connected to the
gate of external power MOSFET.
FB
AGND
2
3
6
5
4
1
PowerPAK MLP33-6
Top View
VIN
XSHD
PGND
EXT
ORDERING INFORMATION
Part Number
Temperature Range
Marking
SiP12401DMP-T1-E3
- 40 to 85 °C
2401
PIN DESCRIPTION
Pin Number
Name
Function
1
XSDH
Logic Controlled Shutdown Input, XSHD = High: Normal Operation, XSHD = Low: Shutdown
2
VIN
Battery Input Voltage
3
FB
Output Voltage Feedback Pin
4
AGND
Signal Ground
5
PGND
Power Ground
6
EXT
Drive Pin for External Power MOS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com