Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP12401 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP12401
Description  Boost Controller For Double AA Cell or Li-Ion Battery For White LED Application
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12401 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP12401 Datasheet HTML 1Page - Vishay Siliconix SIP12401 Datasheet HTML 2Page - Vishay Siliconix SIP12401 Datasheet HTML 3Page - Vishay Siliconix SIP12401 Datasheet HTML 4Page - Vishay Siliconix SIP12401 Datasheet HTML 5Page - Vishay Siliconix SIP12401 Datasheet HTML 6Page - Vishay Siliconix SIP12401 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
4
Document Number: 73193
S-71822-Rev. C, 03-Sep-07
Vishay Siliconix
SiP12401
FUNCTIONAL BLOCK DIAGRAM
DETAILED OPERATION
SiP12401 is a 600 kHz boost controller IC, packaged in 6-pin
MLP33, for white LED applications. It features fixed
frequency voltage mode PWM control with internal frequency
compensation. With the low rDS(on) external power MOSFET,
this device maintains high efficiency over a wide range of
load current.
Soft-Start
During soft-start, the loop compensation guarantees the slow
increase of the output voltage and inrush current, so that no
large voltage overshoot and inrush current occur when the
soft-start is ended.
PWM operation
After soft-start, the device is working in PWM operation with
a fixed frequency of 600 kHz.
APPLICATION INFORMATION
White LED Brightness Control
The current of white LED can be adjusted by PWM signal on
the XSHD pin or by a variable dc voltage to control its
brightness, (see Figure 1.) As control voltage VCTRL
increases, the voltage drop on R2 increases and the voltage
drop on R1 decreases. Thus, the LED current decreases.
The selection of R2 and R3 will make the current from VCTRL
much smaller than LED current and much larger than the FB
pin bias current.
Compensation
Reference and Soft-Start
Oscillator
Driver
-
+
PWM
+
-
E/A
VIN
AGND
PGND
FB
XSHD
EXT
XSHD
AGND
SiP12401
PGND
VIN
EXT
FB
1
3
4
6
2
5
22 µH
XSHD
10 µF
VIN
4.7 µF
MBR0520
15
Ω
Si2302ADS
R3
3.9 k
Ω
VCTRL
R2
1 k
Ω
I
LED
0.3 V
15
Ω
0.3
V
CTRL
15
Ω
R2
R3
-



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com