Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP12401 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP12401
Description  Boost Controller For Double AA Cell or Li-Ion Battery For White LED Application
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12401 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP12401 Datasheet HTML 1Page - Vishay Siliconix SIP12401 Datasheet HTML 2Page - Vishay Siliconix SIP12401 Datasheet HTML 3Page - Vishay Siliconix SIP12401 Datasheet HTML 4Page - Vishay Siliconix SIP12401 Datasheet HTML 5Page - Vishay Siliconix SIP12401 Datasheet HTML 6Page - Vishay Siliconix SIP12401 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vishay Siliconix
SiP12401
Document Number: 73193
S-71822-Rev. C, 03-Sep-07
www.vishay.com
1
Boost Controller For Double AA Cell or Li-Ion Battery
For White LED Application
FEATURES
•
Voltage Mode Control with Internal
Frequency Compensation
•
1.8 V to 5.0 V Input Voltage Range
•
PWM Control with 600 kHz Fixed
Switching Frequency
•
Analog Control of LED Intensity
•
Regulated Output Current
•
Integrated UVLO and Soft-Start
•
Logic Controlled Shutdown (< 1 µA)
•
High Efficiency: Typical 80 %
•
PowerPAK® MLP33-6 Package
APPLICATIONS
•
White LED Backlighting
•
LCD Bias Supplies
•
Handheld Devices
•
Digital Cameras
•
Portable Applications
DESCRIPTION
SiP12401 is a boost controller IC for double cell NiMH or
Alkaline battery and Li Ion battery, which can drive white
LEDs connected in series to provide backlight in hand-held
devices. Series connection of the LEDs provides identical
LED currents resulting in uniform brightness and eliminating
the
need
for
ballast
resistors.
For
best
efficiency
performance, the SiP12401 is designed to operate in PWM
mode with 600 kHz switching. The voltage-mode PWM
design is internally compensated, reducing the external
parts count. It accepts input voltages from 1.8 V to 5.0 V. The
LED current can be adjusted externally for its brightness
control. SiP12401 features low shutdown current of under
1 µA.
SiP12401 is available in a lead (Pb)-free 6-pin, PowerPAK
MLP33 package and is specified to operate over the
industrial temperature range of - 40 °C to 85 °C.
TYPICAL APPLICATION CIRCUIT
XSHD
AGND
SiP12401
PGND
VIN
EXT
FB
1
3
4
6
2
5
22 µH
XSHD
10 µF
VIN
4.7 µF
MBR0520
15
Ω
Si2302ADS
RoHS
COMPLIANT


Similar Part No. - SIP12401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12101 VISHAY-SIP12101 Datasheet
220Kb / 13P
High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
03-Aug-09
SIP12101DH-T1 VISHAY-SIP12101DH-T1 Datasheet
220Kb / 13P
High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
03-Aug-09
SIP12107 VISHAY-SIP12107 Datasheet
715Kb / 19P
5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
20-Feb-12
SIP12107 VISHAY-SIP12107 Datasheet
911Kb / 20P
5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
29-Jun-2020
SIP12107 VISHAY-SIP12107 Datasheet
4Mb / 12P
microBUCK® Highly Integrated Synchronous Buck Regulators
More results

Similar Description - SIP12401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9168 VISHAY-SI9168 Datasheet
122Kb / 10P
Synchronous Buck or Boost Controller for 2-Cell Li Battery Operated Portable Communication Devices
logo
List of Unclassifed Man...
AMC7110 ETC1-AMC7110 Datasheet
115Kb / 1P
White/Blue LED Driver for Li-Ion Battery Application
logo
Taiwan Memory Technolog...
T63H0008A TMT-T63H0008A Datasheet
341Kb / 20P
Li-Ion/Polymer Battery for one-cell Protector
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
TS2208A TSC-TS2208A Datasheet
107Kb / 6P
Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
logo
ADDtek Corp
AMC7110 ADDTEK-AMC7110 Datasheet
199Kb / 10P
WHITE/BLUE LED DRIVER FOR LI-ION BATTERY APPLICATION
JUNE 2007
logo
SamHop Microelectronics...
SM6802 SAMHOP-SM6802 Datasheet
231Kb / 13P
WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
logo
Vishay Siliconix
SIP12501 VISHAY-SIP12501 Datasheet
231Kb / 9P
Boost Converter for Single/Double AA Cell or NiMH Battery for White LED Applications
03-Aug-09
logo
Rohm
BD99958GW ROHM-BD99958GW Datasheet
8Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
BD99954MWV ROHM-BD99954MWV Datasheet
3Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com