Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP12501 Datasheet (PDF) - Vishay Siliconix

SIP12501 Datasheet PDF - Vishay Siliconix
Part # SIP12501
Download  SIP12501 Download
File Size   231.33 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Boost Converter for Single/Double AA Cell or NiMH Battery for White LED Applications

SIP12501 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP12501 Datasheet PDF - Vishay Siliconix

Part # SIP12501
Download  SIP12501 Click to download

File Size   231.33 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Boost Converter for Single/Double AA Cell or NiMH Battery for White LED Applications

SIP12501 Datasheet (HTML) - Vishay Siliconix


SIP12501 Product details

DESCRIPTION
SiP12501 is a boost converter IC for single or double cell NiMH or Alkaline battery pack, which can drive white LEDs connected in parallel to provide backlight in hand-held devices. Designed with an internal low threshold power MOSFET, it is capable of starting up with a low battery voltage of 0.65 V. For best efficiency performance, the SiP12501 is designed to operate in PWM mode with 600 kHz switching. The voltage-mode PWM design is internally compensated, reducing the external parts count. It accepts input voltages from 0.65 V to 3.3 V, regulates output current of up to 60 mA from a 0.9 V input. The LED current can be adjusted externally for its brightness control. SiP12501 features low shutdown current of under 1 µA, internal power MOS, thermal shutdown protection and antiringing control.

FEATURES
• Voltage mode control with internal frequency compensation
• 0.65 V to 3.3 V input voltage range
• Low startup voltage: 0.65 V
• PWM control with 600 kHz fixed switching frequency
• Analog control of LED intensity
• Power supply from output voltage
• Regulated output current
• Integrated UVLO and soft-start
• Logic controlled shutdown (< 1 µA)
• High efficiency: typical 75 %
• Internal power MOS
• Antiringing switch to minimize EMI
• Thermal shutdown
• Minimum external components
• PowerPAK® MLP33-6 package

APPLICATIONS
• White LED backlighting
• Handheld devices
• Digital cameras
• Portable applications
• LCD bias supplies




Similar Part No. - SIP12501

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
500 mA - Fixed Output Boost Converter for Single or Dual Cell
03-Aug-09
SIP12502DMP-20-E3 VISHAY-SIP12502DMP-20-E3 Datasheet
268Kb / 11P
500 mA - Fixed Output Boost Converter for Single or Dual Cell
03-Aug-09
SIP12502DMP-33-E3 VISHAY-SIP12502DMP-33-E3 Datasheet
268Kb / 11P
500 mA - Fixed Output Boost Converter for Single or Dual Cell
03-Aug-09
SIP12502DMP-50-E3 VISHAY-SIP12502DMP-50-E3 Datasheet
268Kb / 11P
500 mA - Fixed Output Boost Converter for Single or Dual Cell
03-Aug-09
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
500-mA - Adjustable Boost Converter for Single or Dual Cell
03-Aug-09
More results


Similar Description - SIP12501

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
Step-Up Converter for White LED Applications
logo
Vishay Siliconix
SI9731 VISHAY-SI9731 Datasheet
135Kb / 10P
UP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
22-May-06
SI9731 VISHAY-SI9731_09 Datasheet
148Kb / 11P
uP Controlled Battery Charger for 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
26-Oct-09
SIP12401 VISHAY-SIP12401 Datasheet
154Kb / 7P
Boost Controller For Double AA Cell or Li-Ion Battery For White LED Application
03-Sep-07
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
500 mA - Fixed Output Boost Converter for Single or Dual Cell
03-Aug-09
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
500-mA - Adjustable Boost Converter for Single or Dual Cell
03-Aug-09
SIP12506 VISHAY-SIP12506 Datasheet
202Kb / 11P
1-MHz Boost Converter with OVP for White LED Applications
26-Mar-07
logo
Maxim Integrated Produc...
DS2710G MAXIM-DS2710G Datasheet
161Kb / 12P
Single-Cell NiMH Charger
Rev 0; 4/08
logo
List of Unclassifed Man...
12BH309-GR ETC2-12BH309-GR Datasheet
101Kb / 1P
10 AA Cell Battery Holder
logo
Recom International Pow...
R-REF02-78S RECOM-R-REF02-78S Datasheet
486Kb / 3P
3.3V from a single AA battery (boost converter)
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com