Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP12506 Datasheet (PDF) - Vishay Siliconix

SIP12506 Datasheet PDF - Vishay Siliconix
Part # SIP12506
Download  SIP12506 Download
File Size   202.48 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1-MHz Boost Converter with OVP for White LED Applications

SIP12506 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP12506 Datasheet PDF - Vishay Siliconix

Part # SIP12506
Download  SIP12506 Click to download

File Size   202.48 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 1-MHz Boost Converter with OVP for White LED Applications

SIP12506 Datasheet (HTML) - Vishay Siliconix


SIP12506 Product details

DESCRIPTION
The SiP12506 is a 1 MHz current-mode boost converter with a feedback voltage of 0.208 V which offers small size and high power conversion efficiency. Its input voltage range is from 2.6 V to 9 V, and output voltage can go up to 20 V. The internal frequency compensation minimizes number of external components. The integrated 28 V power switch can carry up to 1.6 A easily providing for 200 mA load current from a 3.6 V input supply.

FEATURES
• Output Voltage Range up to 20 V
• FB Voltage of 0.208 V
• Cycle-By-Cycle Current Limiting with Internal Frequency Compensation
• 2.6 V to 9 V Input Voltage Range
• 1 MHz Switching Frequency
• > 90 % efficiency
• Low RDS(on): 0.4 Ω (at 3.3 V)
• 1.6 A Switch Current Limit
• < 1 µA Low Shutdown Current
• Internal Soft-Start Control
• Thermal Shutdown Protection (160 °C)
• 6 pin MLP33 Package

APPLICATIONS
• CCD Bias Supplies
• TFT-LCD Displays
• OLED Driver
• White LED Backlight
• Digital Cameras
• Portable Phones and Game Devices
• PDAs and Palm-Top Computers




Similar Part No. - SIP12506

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12501 VISHAY-SIP12501 Datasheet
231Kb / 9P
Boost Converter for Single/Double AA Cell or NiMH Battery for White LED Applications
03-Aug-09
SIP12501DMP-T1-E3 VISHAY-SIP12501DMP-T1-E3 Datasheet
231Kb / 9P
Boost Converter for Single/Double AA Cell or NiMH Battery for White LED Applications
03-Aug-09
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
500 mA - Fixed Output Boost Converter for Single or Dual Cell
03-Aug-09
SIP12502DMP-20-E3 VISHAY-SIP12502DMP-20-E3 Datasheet
268Kb / 11P
500 mA - Fixed Output Boost Converter for Single or Dual Cell
03-Aug-09
SIP12502DMP-33-E3 VISHAY-SIP12502DMP-33-E3 Datasheet
268Kb / 11P
500 mA - Fixed Output Boost Converter for Single or Dual Cell
03-Aug-09
More results


Similar Description - SIP12506

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2619 MICREL-MIC2619 Datasheet
685Kb / 15P
1.2MHz PWM Boost Converter with OVP
logo
MIC GROUP RECTIFIERS
MIC2619 MIC-MIC2619_11 Datasheet
685Kb / 15P
1.2MHz PWM Boost Converter with OVP
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
White LED Driver with Synchronous Boost Converter
logo
Gamma Microelectronics ...
GM19371 GAMMA-GM19371 Datasheet
171Kb / 10P
BOOST WHITE LED DRIVER WITH OVP
logo
Texas Instruments
TPS61054 TI1-TPS61054_15 Datasheet
1Mb / 30P
High-Power White LED Driver 2-mHz Synchronous Boost Converter
logo
Analog Intergrations Co...
AIC3643 AIC-AIC3643 Datasheet
260Kb / 13P
Built-in OVP White LED Step-Up Converter
logo
Eutech Microelectronics...
EUP2537 EUTECH-EUP2537 Datasheet
368Kb / 1P
10 White LED Boost Converter
EUP2961A EUTECH-EUP2961A Datasheet
69Kb / 1P
White LED Boost Converter with PWM
logo
Holtek Semiconductor In...
HT7937 HOLTEK-HT7937_16 Datasheet
1Mb / 13P
Built-in OVP White LED Step-up Converter
logo
Microchip Technology
MIC2619 MICROCHIP-MIC2619 Datasheet
2Mb / 20P
1.2 MHz PWM Boost Converter with OVP
Revision A (May 2022)
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com