Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP12506 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP12506
Description  1-MHz Boost Converter with OVP for White LED Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12506 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP12506 Datasheet HTML 1Page - Vishay Siliconix SIP12506 Datasheet HTML 2Page - Vishay Siliconix SIP12506 Datasheet HTML 3Page - Vishay Siliconix SIP12506 Datasheet HTML 4Page - Vishay Siliconix SIP12506 Datasheet HTML 5Page - Vishay Siliconix SIP12506 Datasheet HTML 6Page - Vishay Siliconix SIP12506 Datasheet HTML 7Page - Vishay Siliconix SIP12506 Datasheet HTML 8Page - Vishay Siliconix SIP12506 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Document Number: 73861
S-70547–Rev. D, 26-Mar-07
www.vishay.com
3
Vishay Siliconix
SiP12506
Notes:
a. Limits are guaranteed by testing.
b. Typical values are derived from the mean value of a large quantity of samples tested during characterization and represent the most likely
expected value of the parameter at room temperature.
PIN CONFIGURATION
DETAILED PIN DESCRIPTION
LX: Drain of the Internal 26 V NMOS. Connect inductor/
diode to LX. Minimize trace area at this pin to keep electro-
magnetic interference down to a minimum.
VIN: the analog and power input of the controller IC. A bypass
capacitor is required on this pin.
SHD: the SHD pin provides shutdown control. To allow for
normal operation, connect SHD to VIN. Connect SHD to GND
to disable the device.
FB: The inverting input of the voltage error amplifier. This is
internally compared against a voltage of 0.208 V appearing
on the voltage error amplifier's non-inverting input. External
resistors are connected to this pin to set the regulated output
voltage.
VOUT: Output voltage sense for over voltage protection and
slop compensation.
GND: This pin acts as both the analog ground and the power
ground for this part.
Thermal Shutdown
TSHD
160
°C
Thermal Shutdown Hysteresis
THYST
25
Under Voltage Lockout
TUVLO
VIN Rising
FULL
2.25
2.4
2.55
V
UVLO Hysteresis
TUVLOHYST
0.1
OVLO
TOVLO
VOUT Rising
FULL
18
20
22.5
OVLO Hysteresis
TOVLOHSYST
1
OUT Bias Current
IVOUT
VOUT = 5 V
3.2
µA
SPECIFICATIONS
Figure 3.
LX
VIN
SHD
GND
FB
1
2
3
4
6
6 Lead MLP33 Package
Top View
5
VOUT
ORDERING INFORMATION
Part Number
Marking
Temperature Range
Package
SiP12506DMP-TI-E3
2506
- 40 °C to 85 °C
MLP33-6
PIN DESCRIPTION
Pin Number
Name
Function
1
LX
Drain Pin of the Internal Switch.
2VIN
Input Power Pin.
3SHD
Logic Controlled Shutdown Input. SHD = high: Normal operation. SHD = low: Shutdown.
4
FB
Voltage Feedback Pin.
5VOUT
Output Voltage Pin.
6
GND
Signal and Power Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com