Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP12506 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP12506
Description  1-MHz Boost Converter with OVP for White LED Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12506 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP12506 Datasheet HTML 1Page - Vishay Siliconix SIP12506 Datasheet HTML 2Page - Vishay Siliconix SIP12506 Datasheet HTML 3Page - Vishay Siliconix SIP12506 Datasheet HTML 4Page - Vishay Siliconix SIP12506 Datasheet HTML 5Page - Vishay Siliconix SIP12506 Datasheet HTML 6Page - Vishay Siliconix SIP12506 Datasheet HTML 7Page - Vishay Siliconix SIP12506 Datasheet HTML 8Page - Vishay Siliconix SIP12506 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.vishay.com
2
Document Number: 73861
S-70547–Rev. D, 26-Mar-07
Vishay Siliconix
SiP12506
Notes:
a. The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
b. Derate 20 mW/°C above 70 °C.
c. Devise mounted with all leads soldered or welded to PC board.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating/conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
Voltages Referenced Input Voltage VIN to GND
- 0.3 to 12
V
VOUT, LX Voltages
- 0.3 to 28
SHD Voltage
- 0.3 to 12
FB Voltage
- 0.3 to 12
ESD (Human Body Model)a
2kV
Operating Junction Temperature
125
°C
Storage Temperature
- 55 to + 150
°C
Power Dissipation (TA = 70 °C)
b
1100
mW
Thermal Resistancec
50
°C/W
RECOMMENDED OPERATING RANGE
Parameter
Limit
Unit
Voltages Referenced Input Voltage Range (VIN) to GND
2.6 to 9
V
SHD
0 to VIN
VOUT
VIN to 18
LX
0 to 18.5
FB
0 to 2
Operating Temperature Range
- 40 to 85
°C
SPECIFICATIONS
Parameter
Symbol
Test Conditions Unless Specified
VIN = 5.0 V, VSHD = 2 V, TA = 25 °C
Temp
Mina
Typb
Maxa
Unit
Input Voltage
VIN
FULL
2.6
9
V
Switch Current Limit
ILIMIT
FULL
1.1
1.6
2.2
A
Switch on Resistance
RDS(on)
ISW = 200 mA
FULL
0.4
0.65
Ω
SHD Input High Level
VSHDH
VIN = 2.6 to 9 V
FULL
1.5
V
SHD Input Low Level
VSHDL
FULL
0.5
SHD Input Leakage Current
ISHD
1µA
Feedback Voltage
VFB
25 °C
0.198
0.208
0.218
V
FULL
0.188
0.224
Feedback Bias Current
IFB
60
nA
Feedback Voltage Line Regulation
Δ V
FB/
(VFB x Δ VIN)
VIN = 2.6 V to 9 V
FULL
0.2
%/V
Feedback Voltage Load Regulation
Δ V
FB/
(VFB x Δ VOUT)
VOUT = 10 V
0.15
%/A
Quiescent Current
I
VFB = 0 V (Switching)
FULL
2.1
3.0
mA
VFB = 1.5 V (Not Switching)
FULL
0.35
0.5
VSHD = 0 V
FULL
1
µA
Switching Frequency
FSW
FULL
0.75
1
1.25
MHz
Maximum Duty Cycle
DMAX
FULL
86
91
%
Switch Leakage
ILEAK
Not Switching, VLX = 5 V
25 °C
1
µA
FULL
5
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com