Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP12506 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SIP12506
Description  1-MHz Boost Converter with OVP for White LED Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12506 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SIP12506 Datasheet HTML 3Page - Vishay Siliconix SIP12506 Datasheet HTML 4Page - Vishay Siliconix SIP12506 Datasheet HTML 5Page - Vishay Siliconix SIP12506 Datasheet HTML 6Page - Vishay Siliconix SIP12506 Datasheet HTML 7Page - Vishay Siliconix SIP12506 Datasheet HTML 8Page - Vishay Siliconix SIP12506 Datasheet HTML 9Page - Vishay Siliconix SIP12506 Datasheet HTML 10Page - Vishay Siliconix SIP12506 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SiP12506
Vishay Siliconix
Document Number: 73861
S-70547–Rev. D, 26-Mar-07
www.vishay.com
9
WHITE LED BRIGHTNESS CONTROL
Figures 8 and 9 delineate two possible brightness control
schemes. In Figure 8, a PWM signal is injected into the shut-
down pin. The average LED current is proportional to the
duty cycle of the PWM signal and thus, the brightness will
vary from low to high as the duty cycle of the PWM signal is
increased. The frequency of the PWM signal has to be low
enough to allow the part to undergo soft-start and fully power
up at each cycle. A frequency of 100 Hz to 500 Hz is, there-
fore, recommended. The magnitude of the PWM signal
should be higher than the maximum enable voltage of SHD
pin, in order to let the dimming control perform correctly.
In Figure 9, a more analog approach to brightness control. As
the control voltage VCTRL is increased from 0 V, the voltage
drop across R2 and R3 increases driving voltage on node A
low thereby reducing current through the White LEDs and
dimming brightness. Reducing VCTRL to about 0 V, will turn
the LEDs fully on with 20 mA of current. The equation for the
LED current can be expressed as
Figure 10 demonstrates a more practical approach for dim-
ming control which is really the synthesis of the two ideas
demonstrated above. In this approach, a filtered PWM signal
acts as a DC voltage to control the brightness of the LEDs. It
is recommended that PWM signal with frequency higher than
22 kHz be used. Figures 11 and 12 illustrate other variations
of the previously mentioned ideas.
Figure 8. SiP12506 Driving Four LEDs
LX
FB
GND
SiP12506
100 - 500 Hz
1 µF
L
10 µH
COUT
1 µF
VOUT
1
6
4
3
5
2
0. 208 V
MBR0530
SHD
10.5
Ω
VO
VIN
VIN
Figure 9. White LED driver with adjustable brightness
-
×
+
=
15
Ω
)
208 V
.
0
(
3
2
15
Ω
208 V
.
0
CTRL
LED
V
R
R
I
LX
FB
GND
SiP12506
4.7 µF
10 µH
COUT
1 µF
VOUT
1
6
4
3
5
2
0.208 V
15
Ω
10 K
Ω
20 K
Ω
R1
R3
R2
A
MBR0530
VOUT
VIN
SHD
SHD
VIN
VCTRL
Figure 10. White LED driver with adjustable brightness control using a filtered PWM signal
LX
FB
GND
SiP12506
4.7 µF
10 µH
COUT
1 µF
VOUT
1
6
4
3
5
2
0.208 V
R1
R3
R2
A
CDC
0.1 µF
RDC
100 K
Ω
PWM > 22 kHz
MBR0530
SHD
SHD
VOUT
VIN
20 K
Ω
10 K
Ω
15
Ω
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com