Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP12502 Datasheet (PDF) - Vishay Siliconix

SIP12502 Datasheet PDF - Vishay Siliconix
Part # SIP12502
Download  SIP12502 Download
File Size   268.85 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 500 mA - Fixed Output Boost Converter for Single or Dual Cell

SIP12502 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP12502 Datasheet PDF - Vishay Siliconix

Part # SIP12502
Download  SIP12502 Click to download

File Size   268.85 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 500 mA - Fixed Output Boost Converter for Single or Dual Cell

SIP12502 Datasheet (HTML) - Vishay Siliconix


SIP12502 Product details

DESCRIPTION
SiP12502 is a boost converter IC with fixed output voltage for single or double cell NiMH or Alkaline battery pack.
   
FEATURES
• Voltage mode control with internal frequency
    compensation
• 0.85 V to 5.0 V input voltage range
• Fixed output voltage options - 2.0 V, 3.3 V, and 5.0 V
• Other voltages available upon request
• PWM control with 300 kHz fixed switching frequency
• PFM control for light load
• Powered from the output voltage supply
• Integrated UVLO and soft-start
• Logic controlled shutdown (< 1 µA)
• 85 % typical efficiency
• Internal power MOS switch: 0.2 Ω at 3.3 V output
• Antiringing switch to minimize EMI
• Power good output
• Shutdown input
• Minimum external components
• PowerPAK® MLP33-6 package, (DFN-6, 3 x 3)
• Over voltage protection
   
APPLICATIONS
• Portable applications
• Battery-powered equipment
• Handheld devices
• Digital cameras
• Wireless handsets
• LCD and OLED bias
   




Similar Part No. - SIP12502

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12501 VISHAY-SIP12501 Datasheet
231Kb / 9P
Boost Converter for Single/Double AA Cell or NiMH Battery for White LED Applications
03-Aug-09
SIP12501DMP-T1-E3 VISHAY-SIP12501DMP-T1-E3 Datasheet
231Kb / 9P
Boost Converter for Single/Double AA Cell or NiMH Battery for White LED Applications
03-Aug-09
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
500-mA - Adjustable Boost Converter for Single or Dual Cell
03-Aug-09
SIP12503DMP-T1-E3 VISHAY-SIP12503DMP-T1-E3 Datasheet
232Kb / 11P
500-mA - Adjustable Boost Converter for Single or Dual Cell
03-Aug-09
SIP12506 VISHAY-SIP12506 Datasheet
202Kb / 11P
1-MHz Boost Converter with OVP for White LED Applications
26-Mar-07
More results


Similar Description - SIP12502

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6734I TI-TPS6734I Datasheet
285Kb / 19P
FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
logo
Microchip Technology
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
0.85V Single Cell Boost DC-DC Converter
logo
Vishay Siliconix
SIP12501 VISHAY-SIP12501 Datasheet
231Kb / 9P
Boost Converter for Single/Double AA Cell or NiMH Battery for White LED Applications
03-Aug-09
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
500-mA - Adjustable Boost Converter for Single or Dual Cell
03-Aug-09
logo
Microchip Technology
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
logo
Texas Instruments
TPS6734IDR TI-TPS6734IDR Datasheet
453Kb / 22P
FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
TPS61000 TI1-TPS61000_15 Datasheet
600Kb / 25P
Single- and Dual-Cell Boost Converter
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com