Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP12503 Datasheet (PDF) - Vishay Siliconix

SIP12503 Datasheet PDF - Vishay Siliconix
Part # SIP12503
Download  SIP12503 Download
File Size   232.12 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 500-mA - Adjustable Boost Converter for Single or Dual Cell

SIP12503 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIP12503 Datasheet PDF - Vishay Siliconix

Part # SIP12503
Download  SIP12503 Click to download

File Size   232.12 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 500-mA - Adjustable Boost Converter for Single or Dual Cell

SIP12503 Datasheet (HTML) - Vishay Siliconix


SIP12503 Product details

DESCRIPTION
SiP12503 is a boost converter IC with adjustable output voltage for single or dual cell NiMH or Alkaline battery pack. Featuring with an internal low resistance power MOSFET, it is capable of starting up with a low battery voltage of 0.85 V.

FEATURES
• Voltage mode control with internal frequency compensation
• 0.85 V to 5.0 V input voltage range
• Adjustable output voltage range from 2.0 V to 5.0 V
• Low startup voltage: 0.65 V
• PWM control with 300 kHz fixed switching frequency
• PFM control for light load
• Powered from the output voltage supply
• Integrated UVLO and soft-start
• Logic controlled shutdown (< 1 µA)
• 85 % typical efficiency
• Internal power MOS switch: 0.2 Ω at 3.3 V output
• Antiringing switch to minimize EMI
• Shutdown input
• Thermal shutdown
• Minimum external components
• PowerPAK® MLP33-6 package (DFN-6, 3 x 3)
• Over voltage protection

APPLICATIONS
• Portable applications
• Battery-powered equipment
• Handheld devices
• Digital cameras
• Wireless handsets
• LCD and OLED bias




Similar Part No. - SIP12503

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12501 VISHAY-SIP12501 Datasheet
231Kb / 9P
Boost Converter for Single/Double AA Cell or NiMH Battery for White LED Applications
03-Aug-09
SIP12501DMP-T1-E3 VISHAY-SIP12501DMP-T1-E3 Datasheet
231Kb / 9P
Boost Converter for Single/Double AA Cell or NiMH Battery for White LED Applications
03-Aug-09
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
500 mA - Fixed Output Boost Converter for Single or Dual Cell
03-Aug-09
SIP12502DMP-20-E3 VISHAY-SIP12502DMP-20-E3 Datasheet
268Kb / 11P
500 mA - Fixed Output Boost Converter for Single or Dual Cell
03-Aug-09
SIP12502DMP-33-E3 VISHAY-SIP12502DMP-33-E3 Datasheet
268Kb / 11P
500 mA - Fixed Output Boost Converter for Single or Dual Cell
03-Aug-09
More results


Similar Description - SIP12503

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ILC6383 FAIRCHILD-ILC6383 Datasheet
480Kb / 15P
1-Cell to 3-Cell Boost DC-DC Converter with True Load Disconnect, 3.3V, 5V or Adjustable Output
logo
Texas Instruments
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
0.85V Single Cell Boost DC-DC Converter
logo
Vishay Siliconix
SIP12501 VISHAY-SIP12501 Datasheet
231Kb / 9P
Boost Converter for Single/Double AA Cell or NiMH Battery for White LED Applications
03-Aug-09
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
500 mA - Fixed Output Boost Converter for Single or Dual Cell
03-Aug-09
logo
Texas Instruments
TPS61000 TI1-TPS61000_15 Datasheet
600Kb / 25P
Single- and Dual-Cell Boost Converter
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61045 TI1-TPS61045_17 Datasheet
1Mb / 26P
Digitally Adjustable Boost Converter
logo
NXP Semiconductors
PCA9410 NXP-PCA9410 Datasheet
1Mb / 27P
3.0 MHz, 500 mA, DC-to-DC boost converter
Rev. 1-5 August 2016
PCA9411 NXP-PCA9411 Datasheet
1Mb / 28P
3.0 MHz, 500 mA, DC-to-DC boost converter
Rev. 1.1-5 August 2016
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com