Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDC36C Datasheet (PDF) - Semtech Corporation

SDC36C Datasheet PDF - Semtech Corporation
Part # SDC36C
Download  SDC36C Download
File Size   164.55 Kbytes
Page   6 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description TVS Diode Array for Proximity Switch Input Protection

SDC36C Datasheet (PDF)

Go To PDF Page Download Datasheet
SDC36C Datasheet PDF - Semtech Corporation

Part # SDC36C
Download  SDC36C Click to download

File Size   164.55 Kbytes
Page   6 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description TVS Diode Array for Proximity Switch Input Protection

SDC36C Datasheet (HTML) - Semtech Corporation


SDC36C Product details

Description
The SDC36C is a high-surge transient voltage suppressor (TVS) optimized for protection of sensitive digital sensors used in proximity switches and industrial control applications. The SDC36C protects the components from over-voltages caused by electrostatic discharge (ESD), electrical fast transients (EFT), and tertiary lightning.

Features
◆ 350 watts peak pulse power (tp = 8/20μs)
◆ Transient protection for data and power lines to
    IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
    IEC 61000-4-4 (EFT) 40A (5/50ns)
    IEC 61000-4-5 (Lightning) 2A (1.2/50μs)
◆ Replaces two discrete devices
◆ Low clamping voltage
◆ Low leakage current
◆ High surge capability
◆ Solid-state silicon avalanche technology

Applications
◆ Two, Three, and Four Wire DC High-Side Proximity Switches
◆ Digital Sensor Input Protection
◆ Industrial Controls
◆ 24V - 33V DC Supply Protection




Similar Part No. - SDC36C

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
SDC36C.TCT TECHPUBLIC-SDC36C.TCT Datasheet
1Mb / 4P
TVS Diode Array for Proximity Switch input Protection
More results


Similar Description - SDC36C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SDC36 SEMTECH-SDC36 Datasheet
155Kb / 6P
TVS Diode Array for Proximity Switch Input Protection
SDC36B SEMTECH-SDC36B Datasheet
159Kb / 6P
TVS Diode Array for Proximity Switch Input Protection
UCLAMP3601P SEMTECH-UCLAMP3601P Datasheet
129Kb / 7P
TVS Diode for Proximity Switch Input Protection
UCLAMP3603T SEMTECH-UCLAMP3603T Datasheet
168Kb / 7P
TVS Diode Array for Proximity Switch Protection
logo
Yea Shin Technology Co....
YSOT05C YEASHIN-YSOT05C Datasheet
800Kb / 3P
TVS DIODE ARRAY FOR LATCH-UP PROTECTION
YSOT12C YEASHIN-YSOT12C Datasheet
800Kb / 3P
TVS DIODE ARRAY FOR LATCH-UP PROTECTION
YSOT15C YEASHIN-YSOT15C Datasheet
800Kb / 3P
TVS DIODE ARRAY FOR LATCH-UP PROTECTION
YSOT24C YEASHIN-YSOT24C Datasheet
800Kb / 3P
TVS DIODE ARRAY FOR LATCH-UP PROTECTION
logo
Shanghai Leiditech Elec...
SM36S3F LEIDITECH-SM36S3F Datasheet
1Mb / 5P
TVS DIODE ARRAY FOR PROXIMITY SWITCH PROTECTION
LC0542T5 LEIDITECH-LC0542T5 Datasheet
423Kb / 4P
TVS DIODE ARRAY FOR USB LINE PROTECTION
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com