Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDC36C.TCT Datasheet (PDF) - TECH PUBLIC Electronics co LTD

SDC36C.TCT Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # SDC36C.TCT
Download  SDC36C.TCT Download
File Size   1274.51 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description TVS Diode Array for Proximity Switch input Protection

SDC36C.TCT Datasheet (PDF)

Go To PDF Page Download Datasheet
SDC36C.TCT Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # SDC36C.TCT
Download  SDC36C.TCT Click to download

File Size   1274.51 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description TVS Diode Array for Proximity Switch input Protection

SDC36C.TCT Datasheet (HTML) - TECH PUBLIC Electronics co LTD


SDC36C.TCT Product details

Features
# 350W peak pulse power(8/200is)
4 Ultra low leakage: nA level
® Operating voltage: 33V
® Low clamping voltage
4 Complies with following standards:
— IEC 61000-4-2 (ESD) immunity test

Air discharge: +20kV'

Contact discharge: +15kV
—IEC61000-4-4 (EFT) 40A (5/50ns)
~IEC61000-4-5 (Lightning) 4A (8/20ps)

# RoHS Compliant




Similar Part No. - SDC36C.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SDC36C.TCT SEMTECH-SDC36C.TCT Datasheet
164Kb / 6P
TVS Diode Array for Proximity Switch Input Protection
More results


Similar Description - SDC36C.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SDC36 SEMTECH-SDC36 Datasheet
155Kb / 6P
TVS Diode Array for Proximity Switch Input Protection
SDC36B SEMTECH-SDC36B Datasheet
159Kb / 6P
TVS Diode Array for Proximity Switch Input Protection
UCLAMP3601P SEMTECH-UCLAMP3601P Datasheet
129Kb / 7P
TVS Diode for Proximity Switch Input Protection
UCLAMP3603T SEMTECH-UCLAMP3603T Datasheet
168Kb / 7P
TVS Diode Array for Proximity Switch Protection
logo
Yea Shin Technology Co....
YSOT12C YEASHIN-YSOT12C Datasheet
800Kb / 3P
TVS DIODE ARRAY FOR LATCH-UP PROTECTION
YSOT15C YEASHIN-YSOT15C Datasheet
800Kb / 3P
TVS DIODE ARRAY FOR LATCH-UP PROTECTION
YSOT24C YEASHIN-YSOT24C Datasheet
800Kb / 3P
TVS DIODE ARRAY FOR LATCH-UP PROTECTION
logo
Semtech Corporation
SDC36C SEMTECH-SDC36C Datasheet
164Kb / 6P
TVS Diode Array for Proximity Switch Input Protection
logo
Shanghai Leiditech Elec...
SM36S3F LEIDITECH-SM36S3F Datasheet
1Mb / 5P
TVS DIODE ARRAY FOR PROXIMITY SWITCH PROTECTION
LC0542T5 LEIDITECH-LC0542T5 Datasheet
423Kb / 4P
TVS DIODE ARRAY FOR USB LINE PROTECTION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com