Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLVE2.8 Datasheet (PDF) - Semtech Corporation

SLVE2.8 Datasheet PDF - Semtech Corporation
Part # SLVE2.8
Download  SLVE2.8 Download
File Size   194.05 Kbytes
Page   7 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description EPD TVS??Diodes For ESD and Latch-Up Protection

SLVE2.8 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLVE2.8 Datasheet PDF - Semtech Corporation

Part # SLVE2.8
Download  SLVE2.8 Click to download

File Size   194.05 Kbytes
Page   7 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description EPD TVS??Diodes For ESD and Latch-Up Protection

SLVE2.8 Datasheet (HTML) - Semtech Corporation


SLVE2.8 Product details

Description
The SLV series of transient voltage suppressors are designed to protect low voltage, state-of-the-art CMOS semiconductors from transients caused by electrostatic discharge (ESD), cable discharge events (CDE), lightning and other induced voltage surges.

Features
◆ 300 Watts peak pulse power (tp = 8/20µs)
◆ Transient protection for low voltage data lines to
    IEC 61000-4-2 (ESD) 15kV (air), 8kV (contact)
    IEC 61000-4-4 (EFT) 40A (tp = 5/50ns)
    IEC 61000-4-5 (Lightning) 24A (tp = 8/20µs)
◆ Protects one line
◆ Comprehensive pin out for easy board layout
◆ Low capacitance
◆ Low leakage current
◆ Low operating and clamping voltages
◆ Solid-state EPD TVS process technology

Applications
◆ ESD and Latch-up Protection
◆ Analog Inputs
◆ WAN/LAN Equipment
◆ Low Voltage ASICs
◆ Desktops, Servers, Notebooks & Handhelds
◆ Portable Instrumentation
◆ Base Stations
◆ Laser Diode Protection




Similar Part No. - SLVE2.8

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SLVE28 SEMTECH-SLVE28 Datasheet
81Kb / 7P
SLVE2.8 & SLVG2.8 EPD TVS DIODES FOR ESD AND LATCH-UP PROTECTION
More results


Similar Description - SLVE2.8

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSDA6V1W5 PANJIT-PJSDA6V1W5 Datasheet
65Kb / 3P
QUAD TVS/ZENER FOR ESD AND LATCH-UP PROTECTION
logo
Semtech Corporation
SLVU2.8-4 SEMTECH-SLVU2.8-4 Datasheet
201Kb / 9P
EPD TVS Diode Array For ESD and Latch-Up Protection
SLVU2.8 SEMTECH-SLVU2.8 Datasheet
168Kb / 10P
Low Voltage EPD TVS Diode For ESD and Latch-Up Protection
SLVU2.8-8 SEMTECH-SLVU2.8-8 Datasheet
238Kb / 9P
EPD TVS Diode Array For ESD and Latch-Up Protection
logo
Pan Jit International I...
PJSDA5V2W5 PANJIT-PJSDA5V2W5 Datasheet
148Kb / 4P
QUAD TVS/ESD ARRAYS FOR ESD AND LATCH-UP PROTECTION
logo
Samtec, Inc
SLVU2.8-4.TBT SAMTEC-SLVU2.8-4.TBT Datasheet
204Kb / 9P
EPD TVS Diode Array For ESD and Latch-Up Protection
logo
Semtech Corporation
SLVE28 SEMTECH-SLVE28 Datasheet
81Kb / 7P
SLVE2.8 & SLVG2.8 EPD TVS DIODES FOR ESD AND LATCH-UP PROTECTION
SLVU28 SEMTECH-SLVU28 Datasheet
209Kb / 8P
SLVU2.8 LOW VOLTAGE EPD TVS DIODE FOR ESD AND LATCH-UP PROTECTION
logo
Shanghai Leiditech Elec...
ESD0503B LEIDITECH-ESD0503B Datasheet
730Kb / 4P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
TECH PUBLIC Electronics...
SLVU2.8-4 TECHPUBLIC-SLVU2.8-4 Datasheet
6Mb / 4P
TVS Array For ESD and Latch Up Protection
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com