Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJSDA5V2W5 Datasheet (PDF) - Pan Jit International Inc.

PJSDA5V2W5 Datasheet PDF - Pan Jit International Inc.
Part # PJSDA5V2W5
Download  PJSDA5V2W5 Download
File Size   148.02 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description QUAD TVS/ESD ARRAYS FOR ESD AND LATCH-UP PROTECTION

PJSDA5V2W5 Datasheet (PDF)

Go To PDF Page Download Datasheet
PJSDA5V2W5 Datasheet PDF - Pan Jit International Inc.

Part # PJSDA5V2W5
Download  PJSDA5V2W5 Click to download

File Size   148.02 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description QUAD TVS/ESD ARRAYS FOR ESD AND LATCH-UP PROTECTION

PJSDA5V2W5 Datasheet (HTML) - Pan Jit International Inc.


PJSDA5V2W5 Product details

QUAD TVS/ESD ARRAYS FOR ESD AND LATCH-UP PROTECTION

The Quad TVS/ESD arrays are designed to protect sensitive electronics from damage or latch-up due to ESD. They are available with operating voltage of 5.6V,6.2V,6.8V.
The series devices feature transient overvoltage protection.
Its integrated design provides very effective and reliable protection for four separate lines using only one package.
The series use to meet the immunity requirement of IEC61000. Level 4.

FEATURES
• IEC61000-4-2 ESD 15kV Air,8kV Contact compliance
• Low clamping voltage
• Peak power dissipation of 150W under 8/20µs waveform
• Quad directional configuration
• Flammability rating UL94V-0
• In compliance with EU RoHS 2002/95/EC directives




Similar Part No. - PJSDA5V2W5

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSDA05C-4 PANJIT-PJSDA05C-4 Datasheet
106Kb / 3P
TVS ARRAY QUAD FOR ESD PROTECTION
PJSDA05C-5 PANJIT-PJSDA05C-5 Datasheet
71Kb / 2P
FIVE BI-DIRECTIONAL TVS ARRAY FOR ESD PROTECTION
PJSDA6V1BC6 PANJIT-PJSDA6V1BC6 Datasheet
77Kb / 2P
QUAD BI-DIRECTIONAL TVS/ZENER FOR ESD PROTECTION
PJSDA6V1W5 PANJIT-PJSDA6V1W5 Datasheet
65Kb / 3P
QUAD TVS/ZENER FOR ESD AND LATCH-UP PROTECTION
More results


Similar Description - PJSDA5V2W5

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJCLAMP0504A PANJIT-PJCLAMP0504A Datasheet
63Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJQA5V6 PANJIT-PJQA5V6 Datasheet
54Kb / 2P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJQMS05 PANJIT-PJQMS05 Datasheet
83Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSDA6V1W5 PANJIT-PJSDA6V1W5 Datasheet
65Kb / 3P
QUAD TVS/ZENER FOR ESD AND LATCH-UP PROTECTION
PJSMDA05 PANJIT-PJSMDA05_06 Datasheet
64Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMSO5 PANJIT-PJSMSO5 Datasheet
76Kb / 3P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJQA5V6 PANJIT-PJQA5V6_09 Datasheet
61Kb / 2P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMDA05 PANJIT-PJSMDA05_09 Datasheet
242Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMDA05C PANJIT-PJSMDA05C Datasheet
241Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PJSMS05 PANJIT-PJSMS05_09 Datasheet
89Kb / 4P
QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com